Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4425A Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4425A
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4425A Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4425A Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4425A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4425A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4425A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4425A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4425A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4425A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4425A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4425A Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
[AK4425A]
Ordering Guide
AK4425AET
-20
∼ +85°C
16pin TSSOP (0.65mm pitch)
AKD4425A
Evaluation Board for AK4425A
Pin Layout
6
5
4
3
2
1
VDD
MCLK
SDTI
BICK
LRCK
CSN
7
CDTI
8
VSS1
CP
CN
VEE
AOUTL
VSS2
AVDD
AOUTR
AK4425A
Top
View
11
12
13
14
15
16
10
9
CCLK
Compatibility with the AK4426
Functions
AK4426
AK4425A
Power Supply
+4.5
∼ +5.5V
DC Offset
± 8mV
± 5mV
THD+N
-91dB
DR
106dB
DEM
X
SMUTE
X
Digital ATT
X
I/F Format
24-bit MSB/ I²S/
24,20,16bitLSB
Control I/F
I²C
Operating Temperature
ET: -20
∼ +85°C
VT: -40
∼ +85°C
-: Not available
X: Available
MS1127-E-01
2011/03
- 3 -


Similar Part No. - AKD4425A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4425A-SA AKM-AKD4425A-SA Datasheet
557Kb / 32P
   AK4425A Evaluation Board Rev.0
More results

Similar Description - AKD4425A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com