Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4430ET Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4430ET
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4430ET Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4430ET Datasheet HTML 4Page - Asahi Kasei Microsystems AK4430ET Datasheet HTML 5Page - Asahi Kasei Microsystems AK4430ET Datasheet HTML 6Page - Asahi Kasei Microsystems AK4430ET Datasheet HTML 7Page - Asahi Kasei Microsystems AK4430ET Datasheet HTML 8Page - Asahi Kasei Microsystems AK4430ET Datasheet HTML 9Page - Asahi Kasei Microsystems AK4430ET Datasheet HTML 10Page - Asahi Kasei Microsystems AK4430ET Datasheet HTML 11Page - Asahi Kasei Microsystems AK4430ET Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
[AK4430]
Timing Diagram
1/fCLK
tCLKL
VIH
tCLKH
MCLK
VIL
dCLK=tCLKH x fCLK, tCLKL x fCLK
1/fs
VIH
LRCK
VIL
tBCK
tBCKL
VIH
tBCKH
BICK
VIL
Figure 1. Clock Timing
tLRB
LRCK
VIH
BICK
VIL
tSDS
VIH
SDTI
VIL
tSDH
VIH
VIL
tBLR
Figure 2. Serial Interface Timing
MS1196-E-01
2011/03
- 8 -


Similar Part No. - AK4430ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4430ET AKM-AK4430ET Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo
More results

Similar Description - AK4430ET

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com