Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4440 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK4440
Description  192kHz 24-Bit 8ch DAC with 2Vrms Output
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4440 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK4440 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4440 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4440 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4440 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4440 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4440 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4440 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4440 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4440 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
[AK4440]
Charge
VSS2
1
μ
1
μ
Pump
CN
CP
VEE
SCF
DAC
LOUT1
SCF
DAC
ROUT1
SCF
DAC
LOUT2
SCF
DAC
ROUT2
SCF
DAC
LOUT3
SCF
DAC
ROUT3
Audio
I/F
Control
Register
AK4440
MCLK
LRCK
BICK
3-wire
or I
2C
SDTI1
SDTI2
SDTI3
PCM
SCF
DAC
LOUT4
SCF
DAC
ROUT4
SDTI4
LPF
LPF
LPF
LPF
LPF
LPF
LPF
LPF
VDD
VSS1
AVDD
Block Diagram
MS1088-E-01
2011/03
- 2 -


Similar Part No. - AK4440

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK444096D ACCUTEK-AK444096D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK444096D ACCUTEK-AK444096D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK444096D ACCUTEK-AK444096D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK444096D ACCUTEK-AK444096D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK444096D ACCUTEK-AK444096D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4440

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
logo
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
logo
Asahi Kasei Microsystem...
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com