Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4522VM Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4522VM
Description  20Bit Stereo ?誇 ADC & DAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4522VM Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4522VM Datasheet HTML 2Page - Asahi Kasei Microsystems AK4522VM Datasheet HTML 3Page - Asahi Kasei Microsystems AK4522VM Datasheet HTML 4Page - Asahi Kasei Microsystems AK4522VM Datasheet HTML 5Page - Asahi Kasei Microsystems AK4522VM Datasheet HTML 6Page - Asahi Kasei Microsystems AK4522VM Datasheet HTML 7Page - Asahi Kasei Microsystems AK4522VM Datasheet HTML 8Page - Asahi Kasei Microsystems AK4522VM Datasheet HTML 9Page - Asahi Kasei Microsystems AK4522VM Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
ASAHI KASEI
[AK4522]
M0020-E-02
2012/01
- 6 -
FILTER CHARACTERISTICS
(Ta=25
°C; VA=4.5 ∼ 5.5V, VD=2.7 ∼ 5.5V; fs=44.1kHz; DEM0=”1”, DEM1=”0”)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 10)
-0.005dB
-0.02dB
-0.06dB
-6.0dB
PB
0
0
0
0
19.76
20.02
20.20
22.05
kHz
kHz
kHz
kHz
Stopband
SB
24.34
kHz
Passband Ripple
PR
±0.005
dB
Stopband Attenuation
SA
80
dB
Group Delay
(Note 11)
GD
29.3
1/fs
Group Delay Distortion
ΔGD
0
us
ADC Digital Filter (HPF):
Frequency Response
(Note 10)
-3dB
-0.5dB
-0.1dB
FR
0.9
2.7
6.0
Hz
Hz
Hz
DAC Digital Filter:
Passband
(Note 10)
-0.06dB
-6.0dB
PB
0
0
20.0
22.05
kHz
kHz
Stopband
SB
24.1
kHz
Passband Ripple
PR
±0.06
dB
Stopband Attenuation
SA
43
dB
Group Delay
(Note 11)
GD
14.7
1/fs
DAC Digital Filter + Analog Filter:
Frequency Response:
0
∼ 20.0kHz
FR
±0.2
dB
Note:10. The passband and stopband frequencies scale with fs.
For example, 20.02kHz at -0.02dB is 0.454 x fs. The reference frequency of these responses is 1kHz.
11. The calculating delay time which occurred by digital filtering. This time is from the input of analog signal to
setting the 20bit data of both channels to the output register for ADC.
For DAC, this time is from setting the 20bit data of both channels on input register to the output of analog
signal.
DIGITAL CHARACTERISTICS
(Ta=25
°C; VA=4.5 ∼ 5.5V, VD=2.7 ∼ 5.5V)
Parameter
Symbol
min
typ
Max
Units
High-Level Input Voltage
(Except CMODE
pin)
Low-Level Input Voltage (Except CMODE
pin)
VIH
VIL
70%VD
-
-
-
-
30%VD
V
V
High-Level Input Voltage (CMODE pin)
Low-Level Input Voltage
(CMODE pin)
VIH
VIL
95%VD
-
-
-
-
10%VD
V
V
Hight-Level Output Voltage
(Iout=-80uA)
Low-Level Output Voltage
(Iout=80uA)
VOH
VOL
VD-0.4
-
-
-
-
0.4
V
V
Input Leakage Current
(Note 12)
Iin
-
-
±10
uA
Note: 12. CMODE pin has internal pull-up and pull-down devices, nominally 50kohm.


Similar Part No. - AK4522VM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522VF AKM-AK4522VF Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
More results

Similar Description - AK4522VM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com