Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4522 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4522
Description  20Bit Stereo ?誇 ADC & DAC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4522 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4522 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4522 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ASAHI KASEI
[AK4522]
M0020-E-02
2012/01
- 3 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
VREFH
I
Positive Voltage Reference Input Pin, VA
Used as a positive voltage reference by ADC & DAC. VREFH should be connected
externally to filtered VA.
2
AINR+
I
Rch Analog Positive Input Pin
3
AINR-
I
Rch Analog Negative Input Pin
4
AINL+
I
Lch Analog Positive Input Pin
5
AINL-
I
Lch Analog Negative Input Pin
6
VA
-
Analog Power Supply Pin
7
AGND
-
Analog Ground Pin
8
DIF0
I
Audio Data Interface Format Pin
9
DIF1
I
Audio Data Interface Format Pin
10
LRCK
I
Input/Output Channel Clock Pin
11
SCLK
I
Audio Serial Data Clock Pin
12
SDTI
I
Audio Serial Data Input Pin
13
SDTO
O
Audio Serial Data Output Pin
14
SMUTE
I
Soft Mute Pin
When this pin goes “H”, soft mute cycle is initiated.
When returning “L”, the output mute releases.
15
DEM0
I
De-emphasis Frequency Select Pin
16
DEM1
I
De-emphasis Frequency Select Pin
17
MCKI
I
Master Clock Input/X’tal Input Pin
18
VD
-
Digital Power Supply Pin
19
DGND
-
Digital Ground Pin
20
PD
I
Reset Pin
21
CMODE
I
Master Clock Select Pin
(Internal Biased pin)
“H”: 384fs, “L”: 256fs, “NC”: 512fs
22
AOUTL
I
Lch Analog Output Pin
23
AOUTR
I
Rch Analog Output Pin
24
VCOM
O
Common Voltage Output Pin, VA/2
Note: All input pins except pull-down pins should not be left floating.


Similar Part No. - AK4522

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4522 AKM-AK4522 Datasheet
1Mb / 29P
   EVALUATION BOARD REV.A FOR AK4522
AK4522VF AKM-AK4522VF Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
More results

Similar Description - AK4522

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4522 AKM-AK4522 Datasheet
134Kb / 18P
   20BIT STEREO ADC & DAC
AK4523 AKM-AK4523 Datasheet
161Kb / 20P
   20BIT STEREO ADC & DAC
AK4520A AKM-AK4520A Datasheet
198Kb / 19P
   100dB 20Bit Stereo ADC & DAC
AK4525 AKM-AK4525 Datasheet
152Kb / 18P
   20BIT STEREO ADC & DAC WITH X TAL OSC
AK5354 AKM-AK5354_04 Datasheet
155Kb / 19P
   Low Power 20bit ?誇 ADC with PGA
AK4344 AKM-AK4344 Datasheet
553Kb / 24P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4344 AKM-AK4344_10 Datasheet
413Kb / 25P
   100dB 96kHz 24-Bit Stereo 3.3V ?誇 DAC
AK4555 AKM-AK4555 Datasheet
192Kb / 17P
   Low Power & Small Package 20bit ?誇 CODEC
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com