Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4528VM Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AK4528VM
Description  High Performance 24Bit 96kHz Audio CODEC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4528VM Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AK4528VM Datasheet HTML 1Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 2Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 3Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 4Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 5Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 6Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 7Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 8Page - Asahi Kasei Microsystems AK4528VM Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
[AK4528]
MS0011-E-02
2012/01
- 3 -
Ordering Guide
AK4528VM
−40 ∼ +85°C
28pin SSOP (0.65mm pitch)
Pin Layout
AGND
VCOM
AINR+
AINR-
AINL+
AINL-
VREF
VA
P/S
MCLK
LRCK
BICK
SDTO
SDTI
CDTI(CKS0)
CCLK(CKS1)
CSN(DIF)
DFS
DEM1
VT
VD
DGND
AOUTL-
AOUTL+
AOUTR-
AOUTR+
PDN
DEM0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
AK4528
Top
View


Similar Part No. - AK4528VM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528VF AKM-AK4528VF Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4528VF AKM-AK4528VF Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
More results

Similar Description - AK4528VM

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4528 AKM-AK4528_04 Datasheet
304Kb / 29P
   High Performance 24Bit 96kHz Audio CODEC
AK4528 AKM-AK4528 Datasheet
284Kb / 29P
   HIGH PERFORMANCE 24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524 Datasheet
320Kb / 31P
   24BIT 96KHZ AUDIO CODEC
AK4524 AKM-AK4524_12 Datasheet
367Kb / 32P
   24Bit 96kHz Audio CODEC
AK4524 AKM-AK4524_04 Datasheet
327Kb / 31P
   24Bit 96kHz Audio CODEC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
AK4552 AKM-AK4552 Datasheet
112Kb / 15P
   3V 96KHZ 24BIT CODEC
AKD4584 AKM-AKD4584_06 Datasheet
409Kb / 46P
   the 24bit 96kHz CODEC
AKD5357-B AKM-AKD5357-B Datasheet
168Kb / 20P
   digital audio 24bit 96kHz A/D converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com