Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4611 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK4611
Description  4/8-Channel Audio CODEC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4611 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4611 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4611 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4611 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4611 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4611 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4611 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4611 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4611 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4611 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
[AK4611]
MS1050-E-02
2010/06
- 5 -
Compatibility with AK4628
1.
Functions
Function
AK4628
AK4611
Number of ADC channel
2-channel
4-channel
Number of DAC channel
8-channel
8-channel
Input
Single
Single or Diff
Output
Single
Single or Diff
I/F Format
I2S, LJ, RJ(20/24bit), TDM
I2S, LJ, RJ(16/20/24bit), TDM
TDM512
No
Fs=48kHz
XTAL OSC
No
Yes
Parallel / Serial Select Pin
Yes
No
Control Data Output Pin
No
Yes
Ta
-40
∼ +85°C
-40
∼ +105°C
Package
44pinLQFP
80pinLQFP
2. Power Supply
Voltage Name
AK4628
AK4611
AVDD
4.5
∼ 5.5V
No
AVDD1
No
3.0
∼ 3.6V
AVDD2
No
3.0
∼ 3.6V
DVDD
4.5
∼ 5.5V
1.6
∼ 2.0V
TVDD
2.7
∼ 5.5V
No
TVDD1
No
1.6
∼ 3.6V
TVDD2
No
1.6
∼ 3.6V
3. Specification
Parameter
AK4628
AK4611
Fs (AD/DA)
96k / 192k
192k / 192k
THD+N (AD/DA)
Single: 92 / 90
Differential : - / -
Single: 92 / 94
Differential : 97 / 100
S/N (AD/DA)
Single: 102 / 106
Differential : - / -
Single: 103 / 105
Differential: 104 / 108
Output DATT
128 level
256 level
µP I/F
100k I2C, 3wire
400k I2C, 4wire


Similar Part No. - AK4611

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612 AKM-AK4612 Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
More results

Similar Description - AK4611

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com