Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4611 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AKD4611
Description  4/8-Channel Audio CODEC
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4611 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AKD4611 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4611 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4611 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4611 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4611 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4611 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4611 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4611 Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4611 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
[AK4611]
MS1050-E-02
2010/06
- 9 -
ABSOLUTE MAXIMUM RATINGS
(VSS1=VSS2=VSS3=VSS4=0V; Note 5)
Parameter
Symbol
min
max
Units
Power Supplies
Analog
Digital
Output buffer
AVDD1,2
DVDD
TVDD1,2
-0.3
-0.3
-0.3
4.2
2.2
4.2
V
V
V
Input Current (any pins except for supplies)
IIN
-
±10
mA
Analog Input Voltage
VINA
-0.3
AVDD1,2+0.3
V
Digital Input Voltage
(TST2,M/S,PDN,XTI/MCKI,LRCK,BICK,
SDTI1,SDTI2,SDTI3,SDTI4,TST7,TST8,
DVMPD pins)
(TST1,TST3,TST4,TST5,CAD0,CAD1,I2C,
CCLK/SCL,CSN,CDTI/SDA pins)
VIND1
VIND2
-0.3
-0.3
TVDD1+0.3
TVDD2+0.3
V
V
AK4611EQ
Ta
-20
85
°C
Ambient Temperature (power applied)
AK4611VQ
Ta
-40
105
°C
Storage Temperature
Tstg
-65
150
°C
Note 5. All voltages with respect to ground. VSS1, VSS2, VSS3 and VSS4 must be connected to the same analog ground
plane. AVDD1 and AVDD2 must be the same voltage.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS1=VSS2=VSS3=VSS4=0V; Note 5)
Parameter
Symbol
min
typ
max
Units
Power Supplies
(Note 6)
Analog
Digital
I/O buffer 1
(Stereo Mode & Normal Speed Mode)
I/O buffer 1
(Except Stereo Mode & Normal Speed Mode)
I/O buffer 2
AVDD1,2
DVDD
TVDD1
TVDD1
TVDD2
3.0
1.6
DVDD
3.0
DVDD
3.3
1.8
3.3
3.3
3.3
3.6
2.0
3.6
3.6
3.6
V
V
V
V
V
Note 6. The power up sequence between AVDD1, AVDD2, DVDD, TVDD1 and TVDD2 is not critical. Each power
supplies should be powered up during the PDN pin = “L”. The PDN pin should be “H” after all power supplies are
powered up. All power supplies should be powered on, only a part of these power supplies cannot be powered off.
(Power off means power supplies equal to ground or power supplies are floating.) Do not turn off only the
AK4611 under the condition that a surrounding device is powered on and the I2C bus is in use.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AKD4611

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4613 AKM-AKD4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
AKD4614 AKM-AKD4614 Datasheet
1Mb / 69P
   6/12-Channel Audio CODEC
More results

Similar Description - AKD4611

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4612VQ AKM-AK4612VQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4612EQ AKM-AK4612EQ Datasheet
1Mb / 68P
   6/8-Channel Audio CODEC
AK4613 AKM-AK4613 Datasheet
1Mb / 69P
   4/12-Channel Audio CODEC
logo
Integrated Device Techn...
92HD202 IDT-92HD202 Datasheet
1Mb / 168P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
92HD206 IDT-92HD206 Datasheet
1Mb / 176P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9227 IDT-STAC9227 Datasheet
1Mb / 237P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
STAC9220 IDT-STAC9220 Datasheet
1Mb / 172P
   8-CHANNEL HIGH DEFINITION AUDIO CODEC
logo
Asahi Kasei Microsystem...
AK4588 AKM-AK4588 Datasheet
787Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589 Datasheet
797Kb / 76P
   2/8 CHANNEL AUDIO CODEC WITH DIR
AK4589 AKM-AK4589_1 Datasheet
815Kb / 76P
   2/8-Channel Audio CODEC with DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com