Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4629VQ Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK4629VQ
Description  High Performance Multi-channel Audio CODEC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4629VQ Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4629VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK4629VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK4629VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK4629VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK4629VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK4629VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK4629VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK4629VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK4629VQ Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
[AK4629]
ABSOLUTE MAXIMUM RATINGS
(VSS1=VSS2=0V; Note 4)
Parameter
Symbol
min
max
Unit
Power Supplies
Analog
AVDD
-0.3
6.0
V
Digital
DVDD
-0.3
6.0
V
Output buffer
TVDD
-0.3
6.0
V
Input Current (any pins except for supplies)
IIN
-
mA
±10
Analog Input Voltage
VINA
-0.3
AVDD+0.3
V
Digital Input Voltage
VIND
-0.3
DVDD+0.3
V
Ambient Temperature (power applied) (Note 6)
Ta
-40
105
°C
Storage Temperature
Tstg
-65
150
°C
Note 4. All voltages with respect to ground.
Note 5. VSS1 and VSS2 must be connected to the same analog ground plane.
Note 6. In case that PCB wiring density is 100% or more.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMENDED OPERATING CONDITIONS
(VSS1=VSS2=0V; Note 4)
Parameter
Symbol
min
typ
max
Unit
Power Supplies
Analog
AVDD
4.5
5.0
5.5
V
(Note 7)
Digital
DVDD
4.5
5.0
5.5
V
Output buffer
TVDD
2.7
5.0
5.5
V
Note 4. All voltages with respect to ground.
Note 7. The power up sequence between AVDD, DVDD and TVDD is not critical. Do not turn off only the AK4629 under
the condition that a surrounding device is powered on and the I2C bus is in use.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.
MS1277-E-02
2012/03
- 6 -


Similar Part No. - AK4629VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620AVF AKM-AK4620AVF Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4620B AKM-AK4620B Datasheet
397Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
AK4620B AKM-AK4620B Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
logo
List of Unclassifed Man...
AK4620B ETC2-AK4620B Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
More results

Similar Description - AK4629VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4626A AKM-AK4626A Datasheet
560Kb / 40P
   High Performance Multi-channel Audio CODEC
AK4628A AKM-AK4628A Datasheet
546Kb / 41P
   High Performance Multi-channel Audio CODEC
AK4527B AKM-AK4527B Datasheet
292Kb / 33P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4626 AKM-AK4626 Datasheet
570Kb / 40P
   HIGH PERFORMANCE MULTI-CHANNEL AUDIO CODEC
AK4627 AKM-AK4627 Datasheet
668Kb / 46P
   High Performance Multi-channel Audio CODEC
AK4628 AKM-AK4628 Datasheet
546Kb / 41P
   HIGH PERFORMANCE MULTI CHANNEL AUDIO CODEC
AK4529 AKM-AK4529 Datasheet
382Kb / 38P
   High Performance Multi-channel Audio CODEC
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
   Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM8860 WOLFSON-WM8860 Datasheet
1Mb / 184P
   Multi-Channel High Definition Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com