Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4636 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4636
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4636 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4636 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4636 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 105 page
background image
[AK4636]
MS1012-E-01
2010/08
- 11 -
Parameter
min
typ
max
Units
Power Supplies
Power Up (PDN = “H”)
All Circuit Power-up: (Note 15)
AVDD+DVDD
fs=8kHz (LP bit = “1”)
(Note 17)
-
7
-
mA
fs=48kHz(LP bit = “0”)
(Note 17)
-
11
17
mA
SVDD: Speaker-Amp Normal Operation (SPPSN bit = “1”, No Output)
-
4
12
mA
VVDD (Note 16)
-
8
12
mA
Power Down (PDN = “L”) (Note 18)
AVDD+DVDD+SVDD+VVDD
-
1
5
μA
Note 7. The voltage difference between MICP and MICN pins. AC coupling capacitor should be inserted in series at each
input pin. Full-differential microphone input is not available at MGAIN3-0 bits = “1000” or “0000”. If the input
signal over those maximum voltages are input, the ADC does not operate properly.
Note 8. When a PLL reference clock is input to the FCK pin in PLL Slave Mode, S/ (N+D) of MIC ADC is 75dB (typ),
S/ (N+D) of DAC AOUT is75dB (typ).
Note 9. When LOVL bit = “1”, large-amplitude output may have clip noise.
Note 10. When SPGK1-0 bits = “01” or “10”, large-amplitude output may have clip noise if the SVDD is low.
Note 11. The maximum input voltage is inversely proportional to the external input resistance (Rin). Vout = Vin ×
Rin/33k
Ω(max). The volume can not be changed by BPLVL 7-0 bits in “BEEP pin External Input Resistance
Mode” (BPM1-0 bits = “10”). BPLVL 7-0 bits should be fixed “00H” to change the gain by the external
resistance (Rin).
Note 12. Input Voltage does not depend on VVDD voltage.
Note 13. Measurement point is A of Figure 2.
Note 14. This is the value when the lowest input signal level is more than -20IRE.
Note 15. When PLL Master Mode (MCKI=12MHz), and PMV = PMMP = PMADC = PMDAC = PMPFIL = PMSPK =
PMVCM = PMPLL = MCKO = PMAO = M/S = “1”. The MPI pin outputs 0mA. In EXT mode, when PMPLL=
MCKO= M/S= “0” and LP= “0”, AVDD+ DVDD= 6mA (fs=8kHz, typ) or 9mA (fs=48kHz, typ), when LP=
“1”, AVDD+DVDD = 5mA (fs=8kHz, typ).
Note 16. When Black signal is input to the VIN pin, and the VOUT pin has no load resistance. If the resistance is 150
Ω,
it is 12.5mA(typ).
Note 17. Set LP bit = “1” when sampling frequency ≤ 22.05kHz, set LP bit = “0” when > 22.05kHz.
Note 18. All digital input pins are fixed to DVDD or VSS2.
VIN
VOUT
CLAMP
75
Ω
LPF
GCA
+6dB
Measuring point A
75
Ω
-1dB ~ +10.5dB
St ep 0. 5dB
Figure 2. Measurement Point


Similar Part No. - AK4636

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631VN AKM-AK4631VN Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632VN AKM-AK4632VN Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results

Similar Description - AK4636

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com