Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4636EN Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK4636EN
Description  16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4636EN Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK4636EN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4636EN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4636EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4636EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4636EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4636EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4636EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4636EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4636EN Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
[AK4636]
MS1012-E-01
2010/08
- 7 -
Handling of Unused Pin
The unused I/O pins must be processed appropriately as below.
Classification
Pin Name
Setting
Analog
MIC/MICP, LIN/MICN, MPI, AOUT,
SPP, SPN, VCOC, VIN, VOUT
These pins must be open.
MCKI, SDTI
These pins must be connected to VSS2.
CDTIO
When I2C pin = “H”, These pins should be
connected to VSS2.
Digital
MCKO, SDTO
These pins must be open.
ABSOLUTE MAXIMUM RATINGS
(VSS=VSS2=VSS3=0V; Note 1)
Parameter
Symbol
min
max
Units
Power Supplies:
Analog
Digital
Speaker-Amp
Video-Amp
AVDD
DVDD
SVDD
VVDD
−0.3
−0.3
−0.3
−0.3
4.6
4.6
4.6
4.6
V
V
V
V
Input Current, Any Pin Except Supplies
IIN
-
±10
mA
Analog Input Voltage (Note 2)
VINA
−0.3
AVDD+0.3
V
Digital Input Voltage (Note 3)
VIND
−0.3
DVDD+0.3
V
Video-amp Input Voltage (Note 4)
VINV
−0.3
VVDD+0.3
V
Ambient Temperature (powered applied)
Ta
−30
85
°C
Storage Temperature
Tstg
−65
150
°C
Maximum Power Dissipation (Note 5)
Pd
-
450
mW
Note 1. All voltages with respect to ground. VSS21, VSS2 and VSS3 must be connected to the same analog ground plane.
Note 2. LIN/MICN/DMCLK, MIC/MICP/DMDAT, BEEP pins
Note 3. PDN, I2C, CSN/SDA, CCLK/SCL, CDTIO, SDTI, FCK, BICK, MCKI pins
Pull-up resistors at SDA and SCL pins should be connected to (DVDD+0.3)V or less voltage.
Note 4. VIN pin
Note 5. AK4636ECB: When PCB wiring density is more than 200% and superficial layer writing density is more than
50%. AK4636EN: When PCB wiring density is more than 100%.
This power is the AK4636 internal dissipation that does not include power of externally connected speakers.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.


Similar Part No. - AK4636EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631VN AKM-AK4631VN Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4632VN AKM-AK4632VN Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
More results

Similar Description - AK4636EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4635 AKM-AK4635 Datasheet
980Kb / 81P
   16-Bit Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633 AKM-AK4633 Datasheet
674Kb / 82P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631 Datasheet
568Kb / 69P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634 AKM-AK4634 Datasheet
967Kb / 77P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4632 AKM-AK4632 Datasheet
620Kb / 70P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK/Video-AMP
AK4633EN AKM-AK4633EN Datasheet
1Mb / 83P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4634EN AKM-AK4634EN Datasheet
2Mb / 94P
   16-Bit Mono CODEC with ALC & MIC/SPK -AMP
AK4536 AKM-AK4536 Datasheet
382Kb / 59P
   16-Bit Mono CODEC with ALC & MIC/SPK-AMP
AK4631 AKM-AK4631_1 Datasheet
564Kb / 69P
   16-Bit ?誇 Mono CODEC with ALC & MIC/SPK-AMP
AK4637EN AKM-AK4637EN Datasheet
1Mb / 96P
   24bit Mono CODEC with MIC/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com