Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4649 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK4649
Description  24bit Stereo CODEC with MIC/SPK-AMP
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4649 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK4649 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4649 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4649 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4649 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4649 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4649 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4649 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4649 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4649 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 96 page
background image
[AK4649]
MS1023-E-01
2010/08
- 1 -
GENERAL DESCRIPTION
The AK4649 features a stereo CODEC with a built-in Microphone-Amplifier and Speaker-Amplifier. Input
circuits include a Microphone-Amplifier and an ALC (Automatic Level Control) circuit, and Output circuits
include a Speaker-Amplifier. These circuits are suitable for portable application with recording/playback
function. The AK4649 is available in a 29pin CSP (3x3.3mm 0.5mm pitch), utilizing less board space than
competitive offerings.
FEATURES
1. Recording Function
• Stereo Single-ended input with two Selector
• MIC Amplifier
(+29dB/+26dB/+23dB/+20dB/+16dB/+12dB/+9dB/+6dB/+3dB/0dB)
• Digital ALC (Automatic Level Control)
- Setting Range: +36dB
∼ −54dB, 0.375dB Step
- Noise Suppression
• ADC Performance: S/(N+D): 80dB, DR, S/N: 89dB (MIC-Amp=+20dB, AVDD=3.3V)
S/(N+D): 80dB, DR, S/N: 100dB (MIC-Amp=0dB, AVDD=3.3V)
• Wind-noise Reduction Filter
• 5 Band Notch Filter
• Stereo Separation Emphasis
• Digital MIC Interface
2. Playback Function
• Digital De-emphasis Filter (tc=50/15μs, fs=32kHz, 44.1kHz, 48kHz)
• Digital ALC (Automatic Level Control)
- Setting Range: +36dB
∼ −54dB, 0.375dB Step
- Noise Suppression
• Digital Volume Control:
- 0dB
∼ −18dB, 6dB Step & 256 Linear Step (+0dB ∼ - 48.13dB & Mute)
• Stereo Separation Emphasis
• Stereo Line Output
- S/(N+D): 87dB, S/N: 97dB
• Mono Speaker-Amp
- SPK-AMP Performance: S/(N+D): 60dB@150mW, S/N: 98dB
- BTL Output
- Output Power: 400mW@8
Ω (SVDD=3.3V)
• Analog Mixing: Mono Input
3. Power Management
4. Master Clock:
(1) PLL Mode
• Frequencies: 11.2896MHz, 12MHz, 13.5MHz, 24MHz, 27MHz (MCKI pin)
1fs (LRCK pin)
32fs or 64fs (BICK pin)
(2) External Clock Mode
• Frequencies: 256fs, 512fs or 1024fs (MCKI pin)
5. Output Master Clock Frequencies: 32fs/64fs/128fs/256fs
• PLL Slave Mode (LRCK pin): 7.35kHz ∼ 48kHz
• PLL Slave Mode (BICK pin): 7.35kHz ∼ 48kHz
• PLL Slave Mode (MCKI pin):
8kHz, 11.025kHz, 12kHz, 16kHz, 22.05kHz, 24kHz, 32kHz, 44.1kHz, 48kHz
24bit Stereo CODEC with MIC/SPK-AMP
AK4649


Similar Part No. - AK4649

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
More results

Similar Description - AK4649

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953A AKM-AK4953A Datasheet
940Kb / 96P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com