Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4685 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4685
Description  Multi-channel CODEC with Differential Analog I/O
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4685 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4685 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4685 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4685 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4685 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4685 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4685 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4685 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4685 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4685 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
[AK4685]
MS1106-E-00
2009/08
- 4 -
PIN/FUNCTION
No.
Pin Name
I/O
Function
1
XTO
O
X’tal Output Pin
2
MCB/XTI
I
ADC Master Clock Input /X’tal Input Pin
3
MSB
I
PORTB Master Mode Select Pin.
“L” (connected to the ground): Slave mode.
“H” (connected to DVDD2): Master mode.
4
LRCKC
I
DAC2 Input Channel Clock Pin
5
MCLKC
I
DAC2 Master Clock Input Pin
6
BICKC
I
DAC2 Audio Serial Data Clock Pin
7
SDTIC
I
DAC2 Audio Serial Data Input Pin
8
VSS1
-
DAC2 Digital Ground Pin, 0V
9
DVDD3
-
DAC2 Digital Power Supply Pin, 4.75V
∼5.25V
10
SDA
I/O
Control Data Input/Output Pin
11
SCL
I
Control Data Clock Pin
12
PDN
I
Power-Down Mode & Reset Pin
When “L”, the AK4685 is powered-down, all registers are reset. And then all digital
output pins go “L”. The AK4685 must be reset once upon power-up.
13
MT1N
I
DAC1 Mute Pin
“H”: Normal Operation
“L”: Mute
14
MT2N
I
DAC2 Mute Pin
“H”: Normal Operation
“L”: Mute
15
DVDD2
-
DAC1 Digital Power Supply Pin, 4.75V
∼5.25V
16
VSS2
-
DAC1 Digital Ground Pin, 0V
17
SDTIA
I
DAC1 Audio Serial Data Input Pin
18
BICKA
I
DAC1 Audio Serial Data Clock Pin
19
MCLKA
I
DAC1 Master Clock Input Pin
20
LRCKA
I
DAC1 Input Channel Clock Pin
21
SGL
I
Analog Output Mode Select Pin.
“L” (connected to the ground): Differential mode.
“H” (connected to DVDD): Single End mode.
22
AVDD2
-
DAC1 Analog Power Supply Pin, 4.75V
∼5.25V
23
VSS3
-
DAC1 Analog Ground Pin, 0V
24
ROUT+
O
Rch Positive Analog Output Pin
25
ROUT-
O
Rch Negative Analog Output Pin
26
LOUT+
O
Lch Positive Analog Output Pin
27
LOUT-
O
Lch Negative Analog Output Pin
28
NC
-
No internal bonding. This pin must be connected to Ground.
29
CP
I
Positive Charge Pump Capacitor Terminal Pin
30
CN
I
Negative Charge Pump Capacitor Terminal Pin
31
PVDD
-
Charge Pump Power Supply Pin, 3.0V ~ 3.6V.
32
VSS4
-
Charge Pump Ground Pin, 0V.
33
PVEE
-
Charge Pump Negative Power Output Pin.
34
HPL
O
Lch Headphone-Amp Output Pin
35
HPR
O
Rch Headphone-Amp Output Pin
36
AVDD3
-
DAC2 Analog Power Supply Pin, 4.75V
∼5.25V
37
VSS5
-
DAC2 Analog Ground Pin, 0V
38
RVCOM2
O
Rch VCOM Output 2 Pin
39
RIN2+
I
Rch Positive Analog Input 2 Pin
40
RIN2-
I
Rch Negative Analog Input 2 Pin
41
RAMPO2
O
Rch Pre-Amp Output 2 Pin
42
LAMPO2
O
Lch Pre-Amp Output 2 Pin


Similar Part No. - AK4685

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4682EQ AKM-AK4682EQ Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4685

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
logo
Contec Co., Ltd
AIO-160802L-LPE CONTEC-AIO-160802L-LPE Datasheet
503Kb / 5P
   PCI Express-compliant Multi-function Analog I/O
logo
Asahi Kasei Microsystem...
AK4688EN AKM-AK4688EN Datasheet
629Kb / 36P
   Asynchronous Stereo CODEC with Capless Line I/O
logo
Analog Devices
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
   Analog I/O Port
REV. A
logo
Asahi Kasei Microsystem...
AK4586 AKM-AK4586 Datasheet
586Kb / 54P
   MULTI CHANNEL AUDIO CODEC WITH DIR
logo
Advantech Co., Ltd.
ADAM-6717 ADVANTECH-ADAM-6717 Datasheet
226Kb / 1P
   Intelligent I/O Gateway with Analog Input
26-Nov-2020
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
   Multi-Channel Audio CODEC
logo
Analog Devices
AD7769 AD-AD7769 Datasheet
265Kb / 16P
   LC2MOS Analog I/O Port
REV. A
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
   Audio DSP with Multi-Channel Audio CODEC
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com