Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4687 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AK4687
Description  Asynchronous Stereo CODEC with Capless Stereo Selector
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4687 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AK4687 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4687 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
[AK4687]
MS1307-E-00
2011/05
- 9 -
DC CHARACTERISTICS
(Ta= 25
°C; AVDD1=AVDD2= DVDD= 3.3V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
70%DVDD
-
-
-
-
30%DVDD
V
V
High-Level Output Voltage (Iout=-400
μA)
Low-Level Output Voltage
(Iout= -400
μA(except SDA pin), 3mA(SDA pin))
VOH
VOL
DVDD-0.4
-
-
-
0.4
V
V
Input Leakage Current
Iin
-
-
±10
μA
SWITCHING CHARACTERISTICS
(Ta=25
°C; AVDD1=AVDD2=CVDD = DVDD= 3.3V; CL= 20pF (except for SDA pin), Cb=400pF(SDA pin))
Parameter
Symbol
min
typ
max
Units
Master Clock Timing
Frequency
Duty
fECLK
dECLK
8.192
40
50
36.864
60
MHz
%
Master Clock
256fsn, 128fsd:
Pulse Width Low
Pulse Width High
384fsn, 192fsd:
Pulse Width Low
Pulse Width High
512fsn, 256fsd, 128fsq:
Pulse Width Low
Pulse Width High
768fsn, 384fsd, 192fsq:
Pulse Width Low
Pulse Width High
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
8.192
0.37
0.37
12.288
0.37
0.37
16.384
0.37
0.37
24.576
0.37
0.37
12.288
18.432
24.576
36.864
MHz
1/fCLK
1/fCLK
MHz
1/fCLK
1/fCLK
MHz
1/fCLK
1/fCLK
MHz
1/fCLK
1/fCLK
LRCK1Timing (Slave Mode)
Duty Cycle
fsn
Duty
32
45
48
55
kHz
%
LRCK2Timing (Slave Mode)
Normal Speed Mode
Double Speed Mode
Quad Speed Mode
Duty Cycle
fsn
fsd
fsq
Duty
32
32
128
45
48
96
192
55
kHz
kHz
kHz
%
LRCK1 Timing (Master Mode)
Normal Speed Mode
Duty Cycle
fsn
Duty
32
50
48
kHz
%
Power-down & Reset Timing
PDN Pulse Width
(Note 11)
PDN “
↑” to SDTO valid
(Note 12)
tPD
tPDV
150
2640
ns
1/fs
Note 11. Refer to the “■ System Reset” paragraph for the reset by PDN1 and PDN2 pins.
Note 12. After a rising edge of PDN1, the internal counter starts by divided clock of MCLK and ADC power down is
released by a falling edge of CVEE after 64/fs on LRCK, then SDTIO is output 528/fs later.


Similar Part No. - AK4687

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4682EQ AKM-AK4682EQ Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
AK4683 AKM-AK4683 Datasheet
1Mb / 82P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
AK4683 AKM-AK4683 Datasheet
1Mb / 55P
   24bit CODEC that has two channels of ADC and four channels of DAC with internal DIR, DIT
AK4683 AKM-AK4683 Datasheet
980Kb / 83P
   Asynchronous Multi-Channel Audio CODEC with DIR/T
More results

Similar Description - AK4687

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4686 AKM-AK4686 Datasheet
498Kb / 39P
   Multi-channel CODEC with Capless Stereo Selector
AK4688EN AKM-AK4688EN Datasheet
629Kb / 36P
   Asynchronous Stereo CODEC with Capless Line I/O
AK4682 AKM-AK4682 Datasheet
680Kb / 43P
   Multi-channel CODEC with 2Vrms Stereo Selector
logo
Texas Instruments
PCM3060 TI1-PCM3060_15 Datasheet
1Mb / 49P
[Old version datasheet]   96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
logo
STMicroelectronics
STW5095 STMICROELECTRONICS-STW5095 Datasheet
667Kb / 69P
   Low Power Asynchronous Stereo Audio Codec with Integrated Power Amplifiers
STW5095 STMICROELECTRONICS-STW5095_07 Datasheet
844Kb / 73P
   Low-power asynchronous stereo audio Codec with integrated power amplifiers
logo
Wolfson Microelectronic...
WM8978 WOLFSON-WM8978 Datasheet
927Kb / 78P
   STEREO CODEC WITH SPEAKER DRIVER
logo
Texas Instruments
TPA4411 TI-TPA4411 Datasheet
859Kb / 21P
[Old version datasheet]   80-mW CAPLESS STEREO HEADPHONE DRIVER
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
logo
STMicroelectronics
STW5098 STMICROELECTRONICS-STW5098_07 Datasheet
943Kb / 86P
   Dual low power asynchronous stereo audio Codec with integrated power amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com