Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4711EN Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4711EN
Description  Low Power Single SCART Driver with HD
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4711EN Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4711EN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
[AK4711]
Rev. 0.4
2011/07
- 8 -
ANALOG CHARACTERISTICS (AUDIO)
(Ta=25
°C; VP=12V, VD1=VD2=VVD=HDVVD= 3.3V; Signal Frequency=1kHz; Measurement frequency=20Hz ∼
20kHz; RL ≥4.5kΩ; 0dB=2Vrms output; Volume =0dB, unless otherwise specified)
Parameter
min
typ
max
Units
Analog Input: (AINL+/AINL-/AINR-/AINR+ pins)
Analog Input Characteristics
Input Voltage
(AIN+)
− (AIN−)
(Note 7)
2.0
Vrms
Input Resistance
(AINL+, AINR+ pins)
85
120
k
Ω
Input Resistance
(AINL-, AINR- pins)
85
120
-
k
Ω
Stereo/Mono Output: (TVOUTL/TVOUTR pins)
(Note 8)
Analog Output Characteristics
Volume Step Width
TBD
3.0
TBD
dB
THD+N
(at 2Vrms output, Note 10,Note 12)
−92
TBD
dB
Dynamic Rang (
−60dB Output, A-weighted, Note 10)
TBD
96
dB
S/N
(A-weighted, Note 10, Note 14)
TBD
96
dB
Interchannel Isolation
(Note 10, Note 11)
TBD
90
dB
Interchannel Gain Mismatch
(Note 10, Note 11)
-0.5
0
+0.5
dB
DC offset
(Note 13)
-5
0
+5
mV
Gain Drift
-
200
-
ppm/
°C
Load Resistance
TVOUTL/R
4.5
k
Ω
Load Capacitance
TVOUTL/R
20
pF
Output Voltage
(Note 9)
1.8
2
2.2
Vrms
Power Supply Rejection (PSR)
(Note 15)
-
50
dB
Note 7. f = 1kHz, THD+N < -80dB, gain = 0dB(Volume=0dB)
Note 8. Measured by Audio Precision System Two Cascade.
Note 9. The output level of the internal AMP with volume should be less than 2Vrms.
Note 10. Analog In to TVOUT. Path : AINL+/
− → TVOUTL, AINR+/− → TVOUTR, Volume=0dB.
At 2Vrms single input, TDH+N is -91dB (typ), on path AINL+
→ TVOUTL, AINR+ → TVOUTR,
Volume=0dB
Note 11. Between TVOUTL and TVOUTR with analog inputs AINL+/
−, AINL/R+/−, 1kHz/0dB.
Inter-channel crosstalk is -80dB (typ), at 20Hz~20kHz other than 1kHz.
Note 12. -79dB (typ) referred to 0.5Vrms output level at Volume=+24dB
: path = AIN+/-
→ TVOUT.
Note 13. Analog In to TVOUT. Volume=0dB
Path : AINL+/
− → TVOUTL, AINR+/− → TVOUTR
Note 14. 82dB (typ) referred to 0.5Vrms output level at Volume=+24dB
84dB (typ), referred to 0.5Vrm output level at Volume = +21dB.
: path = AIN+/-
→ TVOUT.
Note 15. The PSR is applied to VD1 and VD2 with 1kHz, 100mV.


Similar Part No. - AK4711EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4710 AKM-AK4710 Datasheet
378Kb / 31P
   Low Power Single SCART Driver
AK4710EN AKM-AK4710EN Datasheet
378Kb / 31P
   Low Power Single SCART Driver
AK4712 AKM-AK4712 Datasheet
454Kb / 30P
   Stereo Cap-less LINE-Amp and HD Video-Amp
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
More results

Similar Description - AK4711EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4710 AKM-AK4710 Datasheet
378Kb / 31P
   Low Power Single SCART Driver
logo
Texas Instruments
LMH1218 TI1-LMH1218 Datasheet
2Mb / 57P
[Old version datasheet]   Low Power Ultra HD Cable Driver
logo
Asahi Kasei Microsystem...
AK4709 AKM-AK4709 Datasheet
607Kb / 42P
   Low Power AV SCART Switch
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
451Kb / 32P
   Low-Power Audio/Video Interface for Single SCART Connectors
Rev 1; 10/08
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
logo
M/A-COM Technology Solu...
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Gennum Corporation
GS1679 GENNUM-GS1679 Datasheet
739Kb / 16P
   Cable Driver with HD/SD Capability
logo
Maxim Integrated Produc...
MAX9655 MAXIM-MAX9655 Datasheet
290Kb / 17P
   Low-Power Video Switches for Dual SCART Connectors
Rev 2; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com