Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4711EN Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK4711EN
Description  Low Power Single SCART Driver with HD
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4711EN Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK4711EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 9Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 10Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 11Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 12Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 13Page - Asahi Kasei Microsystems AK4711EN Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
[AK4711]
Rev. 0.4
2011/07
- 10 -
ANALOG CHARACTERISTICS (HD VIDEO)
(Ta = 25
°C; VP=12V, VD1=VD2=VVD=HDVVD= 3.3V, unless otherwise specified.)
Parameter
Conditions
min
typ
max
Units
Sync Tip Clamp Voltage
at output pin.
0.20
V
R/G/B Clamp Voltage
at output pin.
0.20
V
Pb/Pr Clamp Voltage
at output pin.
1.44
V
Gain
Input=0.3Vp-p, 100kHz
5.5
6
6.5
dB
FL1/0,FLPB1/0,FLPR1/0= “10”
100kHz to 20MHz,
at 30MHz.
at 74.25MHz.
-1.0
-2.5
-40
1.0
-25
dB
dB
dB
FL1/0,FLPB1/0,FLPR1/0= “01”
100kHz to 15MHz,
at 54MHz.
-1.0
-40
1.0
-25
dB
dB
Frequency response
Input=0.3Vp-p,
C1=C2=0pF
(Figure 1)
FL1/0,FLPB1/0,FLPR1/0= “00”
100kHz to 6MHz,
at 27MHz.
-1.0
-40
0.5
-25
dB
dB
Input Signal
f=100kHz, distortion < 1.0%, gain=6dB
-
-
1.25
Vpp
Load Resistance
(Figure 1)
150
-
-
Ω
Load Capacitance
C1
(Figure 1)
C2
(Figure 1)
400
10
pF
pF
Dynamic Output Signal
f=100kHz, distortion < 1.0%
-
-
2.5
Vpp
S/N
Reference Level = 0.7Vp-p, CCIR 567 weighting.
BW = 15kHz to 5MHz.
-
74
-
dB
Differential Gain
0.7Vpp 5steps modulated staircase.
chrominance &burst are 280mVpp, 4.43MHz.
FL1/0, FLPB1/0, FLPR1/0= “00”
-
+0.3
-
%
Differential Phase
0.7Vpp 5steps modulated staircase.
chrominance &burst are 280mVpp, 4.43MHz.
FL1/0, FLPB1/0, FLPR1/0= “00”
-
+0.6
-
Degree


Similar Part No. - AK4711EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4710 AKM-AK4710 Datasheet
378Kb / 31P
   Low Power Single SCART Driver
AK4710EN AKM-AK4710EN Datasheet
378Kb / 31P
   Low Power Single SCART Driver
AK4712 AKM-AK4712 Datasheet
454Kb / 30P
   Stereo Cap-less LINE-Amp and HD Video-Amp
AK4712EN AKM-AK4712EN Datasheet
1Mb / 32P
   AK4712 Evaluation Board Rev.0
More results

Similar Description - AK4711EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4710 AKM-AK4710 Datasheet
378Kb / 31P
   Low Power Single SCART Driver
logo
Texas Instruments
LMH1218 TI1-LMH1218 Datasheet
2Mb / 57P
[Old version datasheet]   Low Power Ultra HD Cable Driver
logo
Asahi Kasei Microsystem...
AK4709 AKM-AK4709 Datasheet
607Kb / 42P
   Low Power AV SCART Switch
logo
Maxim Integrated Produc...
MAX9597 MAXIM-MAX9597 Datasheet
451Kb / 32P
   Low-Power Audio/Video Interface for Single SCART Connectors
Rev 1; 10/08
logo
M/A-COM Technology Solu...
M21518 MA-COM-M21518 Datasheet
235Kb / 2P
   3G/HD/SD-SDI Low Power Cable Driver
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
logo
M/A-COM Technology Solu...
M21528 MA-COM-M21528 Datasheet
221Kb / 2P
   3G/HD/SD-SDI Low Power Dual Cable Driver
logo
Gennum Corporation
GS1679 GENNUM-GS1679 Datasheet
739Kb / 16P
   Cable Driver with HD/SD Capability
logo
Maxim Integrated Produc...
MAX9655 MAXIM-MAX9655 Datasheet
290Kb / 17P
   Low-Power Video Switches for Dual SCART Connectors
Rev 2; 11/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com