Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4753EN Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK4753EN
Description  2-in, 4-out CODEC with DSP Functions
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4753EN Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK4753EN Datasheet HTML 1Page - Asahi Kasei Microsystems AK4753EN Datasheet HTML 2Page - Asahi Kasei Microsystems AK4753EN Datasheet HTML 3Page - Asahi Kasei Microsystems AK4753EN Datasheet HTML 4Page - Asahi Kasei Microsystems AK4753EN Datasheet HTML 5Page - Asahi Kasei Microsystems AK4753EN Datasheet HTML 6Page - Asahi Kasei Microsystems AK4753EN Datasheet HTML 7Page - Asahi Kasei Microsystems AK4753EN Datasheet HTML 8Page - Asahi Kasei Microsystems AK4753EN Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 85 page
background image
[AK4753]
MS1311-E-00
2011/07
- 4 -
PIN/FUNCTION
No.
Pin Name I/O
Function
1
VCOM
O
Common voltage output pin
This pin must be connected to VSS1 with the capacitors of 2.2μF capacitor in series.
LOUT2
O
Lch Line-Amp Output 2 Pin
Single-ended mode (SPC1-0 bits = “11”)
ROUT+
O
Rch Line-Amp Positive Output Pin
Differential mode (SPC1-0 bits = “00”, “01”)
2
MOUT+
O
Mono Line-Amp Positive Output Pin
Differential mode (SPC1-0 bits = “10”)
ROUT2
O
Rch Line-Amp Output 2 Pin
Single-ended mode (SPC1-0 bits = “11”)
ROUT
O
Rch Line-Amp Negative Output Pin
Differential mode (SPC1-0 bits = “00”, “01”)
3
MOUT
O
Mono Line-Amp Negative Output Pin
Differential mode (SPC1-0 bits = “10”)
ROUT1
O
Rch Line-Amp Output 1 Pin
Single-ended mode (SPC1-0 bits = “10”, “11”)
4
LOUT
O
Lch Line-Amp Negative Output Pin
Differential mode (SPC1-0 bits = “00”, “01”)
LOUT1
O
Lch Line-Amp Output 1 Pin
Single-ended mode (SPC1-0 bits = “10”, “11”)
5
LOUT+
O
Lch Line-Amp Positive Output Pin
Differential mode (SPC1-0 bits = “00”, “01”)
6
AVDD
-
Analog Power Supply Pin, 3.0V ~ 3.6V
7
VSS1
-
Ground 1 Pin
8
AINL
I
L channel Analog Input Pin
9
AINR
I
R channel Analog Input Pin
10
SAIN2
I
8-bit SAR ADC Analog Input 2 Pin
11
SAIN1
I
8-bit SAR ADC Analog Input 1 Pin
12
TEST
I
TEST Input pin
This pin must be connected to VSS2.
13
FLT
O
PLL Loop Filter Pin
This pin must be connected to VSS1 with one resistor and one capacitor in series.
14
PDN
I
Power Down Pin
When “L”, the AK4753 is in power-down mode and is held in reset.
The AK4753 must be always reset upon power-up.
15
EXTEE
I
EEP-ROM Enable Pin
“H”: EEP-ROM download mode
“L”: Serial control mode
16
EESDA
I/O
EEP-ROM Control Data Input/Output Pin
17
EESCL
O
EEP-ROM Control Data Clock Output Pin
18
SDA
I/O
Control Data Input/Output Pin
19
SCL
I
Control Data Clock Input Pin
20
MUTEN
O
Mute Control Output Pin.
“H”: Normal Operation
“L”: Mute
21
STO
O
EEP-ROM Status Output Pin
“H”: Read error
“L”: No error
22
SDTI
I
Audio Serial Data Input Pin
23
LRCK
I/O
Input/Output Channel Clock Pin
24
BICK
I/O
Audio Serial Data Clock Pin
25
NC
-
No Connect Pin
No internal bonding. This pin must be connected to VSS2.


Similar Part No. - AK4753EN

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4702 AKM-AK4702 Datasheet
308Kb / 38P
   2CH DAC WITH AV SCART SWITCH
AK4702EQ AKM-AK4702EQ Datasheet
481Kb / 39P
   2ch DAC with AV SCART switch
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AK4703VQ AKM-AK4703VQ Datasheet
342Kb / 38P
   AV SCART switch
AK4704 AKM-AK4704 Datasheet
432Kb / 44P
   2ch 24bit DAC with AV SCART switch
More results

Similar Description - AK4753EN

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS4244 CIRRUS-CS4244 Datasheet
1Mb / 63P
   4 In/4 Out Audio CODEC with PCM and TDM Interfaces
CS4234 CIRRUS-CS4234 Datasheet
1Mb / 79P
   4 In/5 Out CODEC with Programmable Class H Controller
CS42324 CIRRUS-CS42324 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC
CS42406 CIRRUS-CS42406 Datasheet
986Kb / 50P
   24-BIT, 192kHz 2-IN 6-OUT AUDIO CODEC
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888 CIRRUS-CS42888_07 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZ CIRRUS-CS4207-CNZ Datasheet
923Kb / 148P
   Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
logo
Texas Instruments
SN74V245-EP TI1-SN74V245-EP Datasheet
401Kb / 42P
[Old version datasheet]   DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com