Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4955 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK4955
Description  24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4955 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK4955 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4955 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 117 page
background image
[AK4955]
MS1343-E-00
2011/12
- 8 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD=LVDD=SVDD=3.3V, DVDD=TVDD= 1.8V; VSS1=VSS2=VSS3= 0V; fs=48kHz, BICK=64fs;
Signal Frequency=1kHz; 24bit Data; Measurement Bandwidth=20Hz
∼ 20kHz; unless otherwise specified)
Parameter
min
typ
max
Unit
MIC Amplifier: LIN1, RIN1, LIN2, RIN2 pins
Input Resistance
23
33
43
k
Ω
MGAIN3-0 bits = “0000”
-1
0
+1
dB
Gain
MGAIN3-0 bits = “0001”
+4
+5
+6
dB
MGAIN3-0 bits = “0010”
+7
+8
+9
dB
MGAIN3-0 bits = “0011”
+10
+11
+12
dB
MGAIN3-0 bits = “0100”
+13
+14
+15
dB
MGAIN3-0 bits = “0101”
+15
+16
+17
dB
MGAIN3-0 bits = “0110”
+17
+18
+19
dB
MGAIN3-0 bits = “0111”
+20
+21
+22
dB
MGAIN3-0 bits = “1000”
+23
+24
+25
dB
MIC Power Supply: MPWR pin
MICL bit = “0”
2.3
2.5
2.7
V
Output Voltage
MICL bit = “1”
2.0
2.2
2.4
V
Output Noise Level (A-weighted)
-
−108
-
dBV
Load Resistance
0.5
-
-
k
Ω
Load Capacitance
-
-
30
pF
PSRR (fin = 1kHz)
-
100
-
dB
ADC Analog Input Characteristics
: LIN1/RIN1/LIN2/RIN2 pins
→ ADC (Programmable Filter = DSP=OFF)
Resolution
-
-
24
Bits
(Note 12)
-
0.261
-
Vpp
Input Voltage (Note 11)
(Note 13)
1.86
2.07
2.28
Vpp
(Note 12)
71
81
-
dBFS
S/(N+D)
(
−1dBFS)
(Note 13)
-
82
-
dBFS
(Note 12)
78
88
-
dB
D-Range
(
−60dBFS, A-weighted)
(Note 13)
-
96
-
dB
(Note 12)
78
88
-
dB
S/N
(A-weighted)
(Note 13)
-
96
-
dB
(Note 12)
75
90
-
dB
Interchannel Isolation
(Note 13)
-
100
-
dB
(Note 12)
-
0
0.5
dB
Interchannel Gain Mismatch
(Note 13)
-
0
0.5
dB
Note 10. MICL bit must be set to “1” when AVDD=2.7 ~ 3.6V, and it must be set to “0” when AVDD=2.9 ~ 3.6V.
Note 11. Vin = 0.9 x 2.3Vpp (typ) @MGAIN3-0 bits = “0000” (0dB)
Note 12. MGAIN3-0 bits = “0110” (+18dB)
Note 13. MGAIN3-0 bits = “0000” (0dB)


Similar Part No. - AK4955

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4950EN AKM-AK4950EN Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4951 AKM-AK4951 Datasheet
2Mb / 111P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results

Similar Description - AK4955

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4958ECB AKM-AK4958ECB Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4958EG AKM-AK4958EG Datasheet
1Mb / 35P
   24bit Stereo CODEC with MIC/SPK/VIDEO-AMP & LDO
AK4649VN AKM-AK4649VN Datasheet
922Kb / 94P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4649 AKM-AK4649 Datasheet
955Kb / 96P
   24bit Stereo CODEC with MIC/SPK-AMP
AK4951EN AKM-AK4951EN Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951EG AKM-AK4951EG Datasheet
894Kb / 30P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951A AKM-AK4951A Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4953AEN AKM-AK4953AEN Datasheet
1Mb / 99P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
AK4951AEN AKM-AK4951AEN Datasheet
1Mb / 105P
   24bit Stereo CODEC with MIC/HP/SPK-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com