Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5357 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AK5357
Description  24Bit 96kHz ?誇 ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5357 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK5357_09 Datasheet HTML 2Page - Asahi Kasei Microsystems AK5357_09 Datasheet HTML 3Page - Asahi Kasei Microsystems AK5357_09 Datasheet HTML 4Page - Asahi Kasei Microsystems AK5357_09 Datasheet HTML 5Page - Asahi Kasei Microsystems AK5357_09 Datasheet HTML 6Page - Asahi Kasei Microsystems AK5357_09 Datasheet HTML 7Page - Asahi Kasei Microsystems AK5357_09 Datasheet HTML 8Page - Asahi Kasei Microsystems AK5357_09 Datasheet HTML 9Page - Asahi Kasei Microsystems AK5357_09 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
[AK5357]
MS0294-E-03
200
9/03
- 6 -
FILTER CHARACTERISTICS (fs=48kHz)
(Ta=Tmin
∼ Tmax; VA=VD=2.7 ∼ 5.5V)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 9)
±0.1dB
−0.2dB
−3.0dB
PB
0
-
-
20.0
23.0
18.9
-
-
kHz
kHz
kHz
Stopband
SB
28
kHz
Passband Ripple
PR
±0.04
dB
Stopband Attenuation
SA
68
dB
Group Delay Distortion
ΔGD
0
μs
Group Delay
(Note 10)
GD
16
1/fs
ADC Digital Filter (HPF):
Frequency Response (Note 9)
−3dB
−0.1dB
FR
1.0
6.5
Hz
Hz
FILTER CHARACTERISTICS (fs=96kHz)
(Ta=Tmin
∼ Tmax; VA=VD=2.7 ∼ 5.5V)
Parameter
Symbol
min
typ
max
Units
ADC Digital Filter (Decimation LPF):
Passband
(Note 9)
±0.1dB
−0.2dB
−3.0dB
PB
0
-
-
40.0
46.0
37.8
-
-
kHz
kHz
kHz
Stopband
SB
56
kHz
Passband Ripple
PR
±0.04
dB
Stopband Attenuation
SA
68
dB
Group Delay Distortion
ΔGD
0
μs
Group Delay
(Note 10)
GD
16
1/fs
ADC Digital Filter (HPF):
Frequency Response (Note 9)
−3dB
−0.1dB
FR
2.0
13.0
Hz
Hz
Note 9. The passband and stopband frequencies scale with fs.
For example, PB=18.9kHz@
±0.1dB is 0.39375 × fs.
Note 10. The calculated delay time induced by digital filtering. This time is from the input of an analog signal to the
setting of 24bit data both channels to the ADC output register for ADC.


Similar Part No. - AK5357_09

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5357ET AKM-AK5357ET Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
logo
List of Unclassifed Man...
AK5357VT ETC-AK5357VT Datasheet
126Kb / 18P
   24 BIT 96 KHZ ADC
logo
Asahi Kasei Microsystem...
AK5357VT AKM-AK5357VT Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
More results

Similar Description - AK5357_09

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
   24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
   24Bit 96kHz ?誇 ADC
AKD4380 AKM-AKD4380_04 Datasheet
230Kb / 21P
   96kHz sampling 24Bit?誇DAC
AK5385B AKM-AK5385B Datasheet
186Kb / 24P
   24Bit 192kHz ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358 AKM-AK5358 Datasheet
128Kb / 17P
   96kHz 24-Bit ?誇 ADC
AK5358A AKM-AK5358A_08 Datasheet
333Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK5358B AKM-AK5358B Datasheet
187Kb / 19P
   96kHz 24-Bit ?誇 ADC
AK5380 AKM-AK5380 Datasheet
137Kb / 17P
   96kHz 24Bit ADC with Single - ended Input
AK5353 AKM-AK5353 Datasheet
114Kb / 17P
   96kHz 24BIT ADC WITH SIGLE-ENDED INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com