Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK5373EQ Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK5373EQ
Description  24-bit Stereo ADC with USB Interface
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5373EQ Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK5373EQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK5373EQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK5373EQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK5373EQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK5373EQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK5373EQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK5373EQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK5373EQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK5373EQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
[AK5373]
MS1202-E-00
2010/06
- 1 -
GENERAL DESCRIPTION
The AK5373 is a stereo A/D converter with a USB 2.0 interface. The device includes an integrated USB
serial interface engine, a USB transceiver, an audio class processing block, endpoints, and a 24-bit
stereo audio ADC. An integrated PLL enables the use of multiple sampling frequencies. A microphone
amplifier and an integrated programmable gain amplifier are available for processing low-level signals
from an analog microphone element. An external EEP-ROM is used to store the descriptor information.
The AK5373 is housed in a 48-pin package. It is a low power device, operating from +3.3V, and
consuming just 100mW in active mode and less than 100μA in suspend mode.
FEATURES
USB 2.0 compliant (full speed audio class)
USB audio controller
USB serial interface engine
Audio class encoder/decoder
USB synchronization
Synchronous type (synchronize with 1ms SOF)
24-bit stereo A/D converter with mute control
S/(N+D) = 85dB, S/N = 91dB (AVDD=3.3V, MIC-Amp = 0dB)
S/(N+D) = 70dB, S/N = 78dB (AVDD=3.3V, MIC-Amp = +30dB)
Microphone amplifier gain:
0dB, +6dB, +12dB, +18dB, +24dB, +30dB, +36dB
Digital programmable gain: +24dB ~ -31dB, 1dB Step
Integrated PLL supports standard sampling frequencies
8kHz, 11.025kHz, 16kHz, 22.05kHz, 32kHz 44.1kHz, 48kHz
EEP-ROM interface for descriptors
External Digital Audio Interface
Power Management
Low power consumption
30mA in active mode
Less than 100
μA in suspend mode
Power Supply:
Analog Power Supply (AVDD): 3.0 ~ 3.6V
Digital Power Supply (DVDD): 3.0 ~ 3.6V
Ta = -10 ~ +70
°C
Package:
48pin LQFP (7 x 7 mm, 0.5mm pitch)
24-bit Stereo ADC with USB Interface
AK5373


Similar Part No. - AK5373EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5370 AKM-AK5370 Datasheet
203Kb / 27P
   USB I/F A/D CONVERTER
AK5370VF AKM-AK5370VF Datasheet
203Kb / 27P
   USB I/F A/D CONVERTER
AK5371 AKM-AK5371 Datasheet
256Kb / 32P
   2CH A/D CONVERTER WITH USB I/F
AK5371A AKM-AK5371A Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
AK5371AVQ AKM-AK5371AVQ Datasheet
309Kb / 32P
   2ch A/D Converter with USB I/F
More results

Similar Description - AK5373EQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK5374 AKM-AK5374 Datasheet
569Kb / 51P
   24-bit Stereo ADC with USB Interface
logo
Wolfson Microelectronic...
WM8738 WOLFSON-WM8738 Datasheet
157Kb / 15P
   24 BIT STEREO ADC
WM8738 WOLFSON-WM8738_06 Datasheet
137Kb / 18P
   24 Bit Stereo ADC
logo
Cirrus Logic
WM8782A CIRRUS-WM8782A Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8782 WOLFSON-WM8782_10 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786 Datasheet
238Kb / 22P
   24-Bit, 192kHz Stereo ADC
WM8785 WOLFSON-WM8785_06 Datasheet
313Kb / 31P
   24-Bit, 192kHz Stereo ADC
WM8786 WOLFSON-WM8786_07 Datasheet
277Kb / 24P
   24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8782 CIRRUS-WM8782 Datasheet
307Kb / 20P
   24-Bit, 192kHz Stereo ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com