Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7719 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK7719
Description  Low Power DSP for Voice and Audio Processing
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7719 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK7719 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7719 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7719 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7719 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7719 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7719 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7719 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7719 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7719 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
[AK7719]
MS1351-E-00-PB
2012/01
8
System Clock
(Ta= -20ºC ~ 85ºC, VDD=1.2V, TVDD= 1.6V ~ 3.6V, VSS=0V) CL=20pF (except SDA pin) or 400pF (SDA pin);
unless otherwise specified
Parameter
Symbol
min
typ
max
Unit
Normal Operation mode: SYNC1/3, BCLK1/BCLK3 Input Timing
SYNC1/3 Input Timing
SYNC1/3 frequency
fs
8
48
kHz
BCLK1 Input Timing (Note 8, Note 9)
fBCLK
64
3072
kHz
BCLK1/3 Pulse width Low
tBCKL
0.4 x tBCLK
ns
BCLK1/3 Pulse width High
tBCKH
0.4x tBCLK
ns
Note 8. SYNC1 and BCLK1 or SYNC3 and BCLK3 should be synchronized and their sampling rates (fs) should be stable
Note 9. Required fBCLK: ≥ 2 (Data length set by LAW bit) x SYNC2 frequency
Reset and Standby
(Ta= -20ºC ~ 85ºC, VDD=1.2V, TVDD= 1.6V ~ 3.6V, VSS=0V)
Parameter
Symbol
min
typ
max
Unit
PDN
(Note 10)
tPDN
600
ns
Note 10. The AK7719 can be reset by bringing the PDN pin = “L” upon power-up.
Serial Data Interface
(Ta= -20ºC ~ 85ºC, TVDD= 1.6V ~ 3.6V, VSS=0V, CL=20pF)
Parameter
Symbols
min
typ
max
Unit
SDIN1, SDIN3, SDIN4, SDOUT1, SDOUT3, SDOUT4
Delay Time from BCLK1 “↑” to SYNC1 “↑”
(Note 11)
tBSYD
20
ns
Delay Time from SYNC1 “↓” to BCLK1 “↑”
tSYBD
100
ns
Serial Data Input Latch Setup Time
tB1IDS
40
ns
Serial Data Input Latch Hold Time
tB1IDH
40
ns
Delay Time from SYNC1 to Serial Data Output
tSY1OD
40
ns
Delay Time from BCLK1 “↓” to Serial Data Output (Note 12)
tB1OD
40
ns
SDIN2, SDOUT2
SYNC2 Duty cycle
50
%
Serial Data Input Latch Setup Time
tB2IDS
40
ns
Serial Data Input Latch Hold Time
tB2IDH
40
ns
Delay Time from SYNC2 to Serial Data Outputs
tSY2OD
40
ns
Delay Time from BCLK2 “↓”to Serial Data Output (Note 13)
tB2OD
40
ns
SDINn → SDOUTn (n=1, 2, 3)
Delay time from SDINn to SDOUTn Output
tIOD
60
ns
Note 11. When the polarity of BCLK1 is inverted, delay time is from BCLK1 “
↓”
Note 12. When the polarity of BCLK1 is inverted, delay time is from BCLK1 “↑”.
Note 13. When the polarity of BCLK2 is inverted, delay time is from BCLK2 “↑”.
SWITCHING CHARACTERISTICS


Similar Part No. - AK7719

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7719B AKM-AK7719B Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
More results

Similar Description - AK7719

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7719BECB AKM-AK7719BECB Datasheet
826Kb / 20P
   Low Power DSP for Voice and Audio Processing
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
   Low-Power CODEC with Audio/Voice DSP
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
   Low-Power CODEC with Audio/Voice DSP
logo
Advantech Co., Ltd.
DSP-8901 ADVANTECH-DSP-8901_14 Datasheet
1,018Kb / 2P
   AdvancedTCA DSP Blade Provides Industrys Most Powerful DSP Farm for Voice and Video Processing
logo
Synaptics Incorporated.
CX2077X CONEXANT-CX2077X Datasheet
176Kb / 2P
   On-Chip Voice//Audio DSP
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
   Audio Hub CODEC with Voice Processor DSP
logo
CML Microcircuits
CMX7241 CMLMICRO-CMX7241 Datasheet
4Mb / 94P
   Voice processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com