Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7864 Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK7864
Description  3 channel LED driver with Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7864 Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK7864 Datasheet HTML 1Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 2Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 3Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
[AK7864]
MS1152 - E - 01
1
2010/09
AK7864
3 channel LED driver with Charge Pump
Device Outline
This product is include the charge pump power supply and include the 3 channel LED driver who
drives the LED of the anode common in the constant current . The current to pass for each channel
can be adjusted by the external resistance and the register setting. Also, it has the control pins which
turn on or off the current. It is the best for the LED drive for the CIS sensor.
Features
■ Operation Voltage
3.3V±5%
■ Operating Temperature Range
0 ~ 70℃
■ LED driver current
RED: 66mA (Adjustment external resister:22 ~ 66mA)
GREEN: 66mA (Same as above, each channel is spec in
absolute value.)
BLUE: 66mA (Same as above, each channel is spec in
absolute value.)
Usable Vf MAX range of the LED is 4.8V. The resistance for
the current regulation is usable in 1/16W -type.
▪ 50% setting is an upper bound when 3ch becoming
turning on at the same time.
▪ 3ch independent ON/OFF.
▪ Current setting in eight steps
When the external resistance value becomes the
assumption outside, it has the protection circuit which
doesn't make the electric current which flows through the
LED equal to or more than 150mA(-30%~+45%)
■ Current Accuracy
±9.1%(by ideal resistance)
■ LED Current rise / fall time
10
μs (typ.) (10% ~ 90%)
■ Charge Pump pressor circuit
Generate the necessary voltage for the LED (Vf max 4.8V)
■ Package
16pinQFN 3mm, 0.75mm thickness with radiation TAB in
Solderside
■ Power
VDD 3.135 ~ 3.465V
■ Application
A light source driver for CIS module of MFP


Similar Part No. - AK7864

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
More results

Similar Description - AK7864

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com