Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK7864 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK7864
Description  3 channel LED driver with Charge Pump
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK7864 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK7864 Datasheet HTML 4Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 5Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 6Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 7Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 8Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 9Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 10Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 11Page - Asahi Kasei Microsystems AK7864 Datasheet HTML 12Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
[AK7864]
MS1152 - E - 01
11
2010/09
Package
1 Package dimension unit [mm]
2 Marking
1.
Marketing code
7864
2.
Date code
XXXXX
7864
XXXXX
3.00±0.07
A
9
13
16
1
5
8
12
C0.30
1.80
1.50
S
0.50
4
B
0.22±0.05
0.05
S A B
M
S
0.05
0.17
0.27
【】
A部詳細図
A部


Similar Part No. - AK7864

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
More results

Similar Description - AK7864

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Advanced Analogic Techn...
AAT3193 ANALOGICTECH-AAT3193 Datasheet
393Kb / 18P
   3-Channel Charge-Pump LED Driver
logo
Advanced Analog Technol...
AAT3103 AAT-AAT3103 Datasheet
1Mb / 17P
   3-Channel Charge-Pump LED Driver
AAT3195 AAT-AAT3195 Datasheet
1Mb / 16P
   4-Channel Charge-Pump LED Driver
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616 Datasheet
537Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Advanced Analogic Techn...
AAT3192 ANALOGICTECH-AAT3192_08 Datasheet
577Kb / 18P
   2-Channel Charge-Pump LED Driver
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com