Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8130 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AK8130
Description  Low Power Multiclock Generator with VCXO
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8130 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK8130 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8130 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8130 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8130 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8130 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8130 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8130 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8130 Datasheet HTML 8Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AK8130
MS0598-E-03
Feb-08
- 5 -
The brand name
of AKEMD’s IC’s
Output clock frequency selection
The AK8130 generates a range of low-jitter and hi-accuracy clock frequencies with three built-in PLLs and
provides to up to four assigned outputs. A frequency selection at assigned output pin is configured by
pin-setting of S0 (Pin2), S1 (Pin3), and S2 (Pin14).
The selectable frequency is shown in Table 1..
Table 1: Clock output Frequency
Selection Pin
Clock Output Frequency (MHz)
S2
(Pin 14)
S1
(Pin 3)
S0
(Pin 2)
CLK1
(Pin 7)
CLK2
(Pin 8)
CLK3
(Pin 10)
CLK4
(Pin 11)
L
L
L
74.250
25.000
OFF
33.333
L
L
H
74.250
25.000
4.9152
OFF
L
H
L
74.250
25.000
OFF
24.576
L
H
H
54.000
OFF
4.9152
24.576
H
L
L
74.1758
25.000
OFF
33.333
H
L
H
74.1758
25.000
4.9152
OFF
H
H
L
74.1758
25.000
OFF
24.576
H
H
H
74.1758
OFF
4.9152
24.576
Voltage Control Crystal Oscillator (VCXO)
The AK8130 has a voltage control crystal oscillator (VCXO), featuring fine frequency tuning for 27MHz of
primary clock frequency by external DC voltage control.
This tuning enables output clock frequency to
synchronize the external clock system.
VIN (Pin 4) accepts DC voltage control from a processor or a
system controller, and pulls the primary frequency of crystal to higher or lower.
This pulling range is
determined by crystal characteristic, on-chip load capacitor, and stray capacitance of PCB.
The AK8130
is designed to range
±110ppm of primary frequency in AKEMD’s authorized condition, and the typical
pulling profile is shown in Figure 1.
For details about the condition and other specific crystal application
case, refer the AK8130 Family application note.
27.0MHz VCXO Characteristics NDK AT-41CD2(CL=12.0pF)
(Cext1=18.0pF,Cext2=5.0pF)
-150
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
3.5
VIN(V)
Figure 1: Typical VCXO Pulling Profile


Similar Part No. - AK8130

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8130A AKM-AK8130A Datasheet
116Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130AH AKM-AK8130AH Datasheet
176Kb / 8P
   Multi Clock Generator with VCXO
AK8130B AKM-AK8130B Datasheet
115Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130BV AKM-AK8130BV Datasheet
184Kb / 8P
   Multi Clock Generator with VCXO
AK8130C AKM-AK8130C Datasheet
191Kb / 8P
   Multi Clock Generator with VCXO
More results

Similar Description - AK8130

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8131S AKM-AK8131S Datasheet
117Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130B AKM-AK8130B Datasheet
115Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8130A AKM-AK8130A Datasheet
116Kb / 8P
   Low Power Multiclock Generator with VCXO
AK8137A AKM-AK8137A Datasheet
699Kb / 11P
   Low Power Multiclock Generator with XO
AK8136A AKM-AK8136A Datasheet
602Kb / 18P
   Low Power Multiclock Generator with XO
AK8133 AKM-AK8133 Datasheet
326Kb / 10P
   Low Suprious Multiclock Generator for Audio
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
CY2VC521-2 CYPRESS-CY2VC521-2 Datasheet
255Kb / 9P
   Low Noise LVDS Clock Generator with VCXO
logo
Texas Instruments
PLL1705 TI-PLL1705 Datasheet
128Kb / 17P
[Old version datasheet]   3.3-V DUAL PLL MULTICLOCK GENERATOR
logo
Burr-Brown (TI)
PLL1707 BURR-BROWN-PLL1707 Datasheet
171Kb / 22P
   3.3 V DUAL PLL MULTICLOCK GENERATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com