Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLWK1100C Datasheet(PDF) 8 Page - Marktech Corporate

Part # TLWK1100C
Description  TOSHIBA LED Lamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLWK1100C Datasheet(HTML) 8 Page - Marktech Corporate

  TLWK1100C Datasheet HTML 1Page - Marktech Corporate TLWK1100C Datasheet HTML 2Page - Marktech Corporate TLWK1100C Datasheet HTML 3Page - Marktech Corporate TLWK1100C Datasheet HTML 4Page - Marktech Corporate TLWK1100C Datasheet HTML 5Page - Marktech Corporate TLWK1100C Datasheet HTML 6Page - Marktech Corporate TLWK1100C Datasheet HTML 7Page - Marktech Corporate TLWK1100C Datasheet HTML 8Page - Marktech Corporate TLWK1100C Datasheet HTML 9Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
TLWK1100C(T11)
2008-12-26
8
5. Packing form
(1) Packing quantity
Reel
2,000 pcs
Carton
10,000 pcs
(2) Packing form: Each reel is sealed in an aluminum pack with silica gel.
6. Label format
(1) Label contents
Shipped products are mentioned the following contents.
P/N:
TOSHIBA
TYPE
TLWK1100C
ADDC
(T11)
Q’TY
2,000 pcs
xxxxxx
xxxxxxxx
xxx
xxxx
(xxxxx)
E6SAN-0W1S6-07
Use under 5-30degC/60%RH within 168h
SEALED: xxxxxxxx
[[G]]/RoHS COMPATIBLE
DIFFUSED IN JAPAN
*Y380xxxxxxxxxxxxxxxxxx*
ASSEMBLED IN JAPAN
Contents about Note section (Each example means the contents are different for each lot.)
Information for customers use
Information for Toshiba use
1) Lot code
Example: 2707C2B
4) Management code
Example: 715 32G
2) Key code
Example: 12345678
5) Packing quantity
Example: 2000 pcs
3) Rank symbol
Example: B5WA2
6) Product information
E6SAN-0W1S6-07
7) Storage condition after opening
Use under 5-30 degC/60%RH within 168h
(2) Label location
1)
2)
4)
5)
3)
6)
7)
Tape feel direction
Label position
Label position
• Reel
• Carton
• The aluminum package in which the reel is supplied also has the label attached to
center of one side.


Similar Part No. - TLWK1100C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLWK1100CT11 TOSHIBA-TLWK1100CT11 Datasheet
278Kb / 9P
   Panel Circuit Indicators
More results

Similar Description - TLWK1100C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLS1002 TOSHIBA-TLS1002 Datasheet
637Kb / 16P
   TOSHIBA LED LAMP
TLRE16TP TOSHIBA-TLRE16TP_05 Datasheet
401Kb / 8P
   TOSHIBA LED Lamp
TLRE1002A TOSHIBA-TLRE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLRM1052 TOSHIBA-TLRM1052 Datasheet
340Kb / 14P
   TOSHIBA LED Lamp
TLUR124 TOSHIBA-TLUR124 Datasheet
416Kb / 4P
   TOSHIBA LED LAMP
1996-09-20
logo
Marktech Corporate
TLBD1050 MARKTECH-TLBD1050 Datasheet
210Kb / 8P
   TOSHIBA LED Lamp
TLBD1052 MARKTECH-TLBD1052 Datasheet
303Kb / 11P
   TOSHIBA LED Lamp
logo
Toshiba Semiconductor
TLRM1050 TOSHIBA-TLRM1050 Datasheet
308Kb / 14P
   TOSHIBA LED Lamp
TLRH190P TOSHIBA-TLRH190P Datasheet
127Kb / 4P
   TOSHIBA LED Lamp InGaALP Red Light Emission
TLGD231 TOSHIBA-TLGD231 Datasheet
177Kb / 4P
   TOSHIBA LED LAMP Gap GREEN LIGHT EMISSION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com