Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8817VG Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AK8817VG
Description  NTSC/PAL Digital Video Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8817VG Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AK8817VG Datasheet HTML 4Page - Asahi Kasei Microsystems AK8817VG Datasheet HTML 5Page - Asahi Kasei Microsystems AK8817VG Datasheet HTML 6Page - Asahi Kasei Microsystems AK8817VG Datasheet HTML 7Page - Asahi Kasei Microsystems AK8817VG Datasheet HTML 8Page - Asahi Kasei Microsystems AK8817VG Datasheet HTML 9Page - Asahi Kasei Microsystems AK8817VG Datasheet HTML 10Page - Asahi Kasei Microsystems AK8817VG Datasheet HTML 11Page - Asahi Kasei Microsystems AK8817VG Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
ASAHI KASEI
[AK8817/18]
Rev.001E
8
2009 / 12
Pin#
Pin Name
I/O
Functional Outline
31
PVSS
G
Ground pin for PVDD.
32
VDI
I
Vertical SYNC signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
33
HDI
I
Horizontal SYNC signal input pin.
Hi-Z input is acceptable to this pin at PDN = L.
34
SDA
I/O
I2C data pin.
This pin is pulled-up to PVDD.
Hi-Z input is possible when PDN is at low.
SDA input is not accepted during the reset sequence operation.
35
SCL
I
I2C clock input pin
An input level of lower-than-PVDD should be input.
Hi-Z input is possible when PDN is at low.
SCL input is not accepted during the reset sequence operation.
36
N.C.
-
For normal operation, left open.
37
ATPG
I
For normal operation, connect to ground.
38
PDN
I
Power Down Pin. After returning from PD mode to normal operation, RESET
Sequence should be done to AK8817/18VQ.
“L “(GND level): Power-down
“H “: normal operation
39
RSTN
I
Reset input pin. In order to initialize the device , an initialization must be made in
accordance with the reset sequence.
“L “ : reset
“H “ : normal operation
Hi-Z input is acceptable to this pin at PDN = L.
40
DVSS
G
Digital ground pin (digital core ground).
41
DVDD
P
Digital power supply pin (digital core power supply).
42
N.C.
-
For normal operation, left open.
43
VOUT
O
Video output pin.
44
BVSS
G
Substrate ground pin.
Connect this pin to Analog ground
45
SAG
O
SAG Compensation Input pin
46
AVSS
G
Analog ground pin.
47
DACOUT
O
DAC output pin. Connect this pin to Analog ground via a 390 ohm resistor
( better than +/- 1% accuracy ).
48
N.C.
-
For normal operation, left open.
Analog Output pin status
MODE / PIN name
IREF
VREF
DACOUT
VOUT
PDN=L
Hi-Z
Hi-Z
Hi-Z
Hi-Z
PDN=H、DAC=L
VIDEOAMP=L
Output
Outpu
Hi-Z
DAC Power Down
Hi-Z
VIDEOAMP Power Down
PDN=H、DAC=H
VIDEOAMP=L
Output
Output
Output
VIDEOAMP Power Down(1)
PDN=H、DAC=H
VIDEOAMP=H
Output
Output
Output
Output
DAC: Sub Address 0x00 bit7 0: L->DACOFF 1: H->DACON
VIDEOAMP: Sub Address 0x01 bit3,4 00: L->VIDEOAMP_OFF 01,10: H-> VIDEOAMP_ON
Note1) Video Amp becomes power down. Since DACOUT pin and VOUT pin are connected with RESISTOR in the LSI,
DACOUT pin are not Hi-Z. In case of using only DAC, VOUT pin and SAG pin should be open states.


Similar Part No. - AK8817VG

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8817VG AKM-AK8817VG Datasheet
449Kb / 44P
   NTSC/PAL Digital Video Encoder
AK8817VG AKM-AK8817VG Datasheet
401Kb / 43P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8817VG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com