Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8817VQ Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AK8817VQ
Description  NTSC/PAL Digital Video Encoder
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8817VQ Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AK8817VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK8817VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK8817VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK8817VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK8817VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK8817VQ Datasheet HTML 11Page - Asahi Kasei Microsystems AK8817VQ Datasheet HTML 12Page - Asahi Kasei Microsystems AK8817VQ Datasheet HTML 13Page - Asahi Kasei Microsystems AK8817VQ Datasheet HTML 14Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
ASAHI KASEI
[AK8817/18]
Rev.001E
10
2009 / 12
(3) DC Characteristics
(3-1) AK8817VG / AK8818VG
< Operating voltage: DVDD 2.7V~3.3V / PVDD 1.6 V~DVDD, loading condition 15 pF, temperature -40~+85
°C >
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Digital input H voltage (VIH)
VIH
0.8PVDD
V
PVDD=1.6 - DVDD
Digital input L voltage (VIL)
VIL
0.2PVDD
V
PVDD=1.6 - DVDD
Digital input leak current
IL
+/-10
uA
I2C (SDA) L output
VOLC
0.4
V
IOLC = 3mA
( Note )
Digital output pins refer to D[7:0], HDI, VDI, PDN, RSTN, SCL, SDA,CLKIN and CLKINV pin outputs in general term.
(3-2) AK8817VQ / AK8818VQ
< Operating voltage: DVDD 2.7V~3.6V / PVDD 1.6 V~DVDD, loading condition 15 pF, temperature -40~+105
°C >
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Digital input H voltage (VIH)
VIH
0.7PVDD
0.8PVDD
V
2.7V≦PVDD≦DVDD
1.6V≦PVDD<2.7V
Digital input L voltage (VIL)
VIL
0.3PVDD
0.2PVDD
V
2.7V≦PVDD≦DVDD
1.6V≦PVDD<2.7V
Digital input leak current
IL
+/-10
uA
I2C (SDA) L output
VOLC
0.4
V
IOLC = 3mA
( Note )
Digital output pins refer to D[7:0], HDI, VDI, PDN, RSTN, SCL, SDA,CLKIN and CLKINV pin outputs in general term.


Similar Part No. - AK8817VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8817VG AKM-AK8817VG Datasheet
449Kb / 44P
   NTSC/PAL Digital Video Encoder
AK8817VG AKM-AK8817VG Datasheet
401Kb / 43P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8817VQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com