Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8857VQ Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK8857VQ
Description  Dual Channel Digital Video Decoder
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8857VQ Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK8857VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK8857VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK8857VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK8857VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK8857VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK8857VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK8857VQ Datasheet HTML 9Page - Asahi Kasei Microsystems AK8857VQ Datasheet HTML 10Page - Asahi Kasei Microsystems AK8857VQ Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 105 page
background image
[AK8857VQ]
MS1189-E-01
2010/12
-7-
Pin
No.
Symbol
P/S1
I/O2
Functional Description
49
OE_B
P2
I
B block Output Enable pin.
L: Digital output pin in Hi-z output mode.
H: Data output mode.
Hi-z input to OE_B pin is prohibited.
50
OE_A
P2
I
A block Output Enable pin.
L: Digital output pin in Hi-z output mode.
H: Data output mode.
Hi-z input to OE_A pin is prohibited.
51
PVDD2
P2
P
Microprocessor I/F power supply pin.
52
RSTN
P2
I
Reset signal input pin.
Hi-z input is prohibited.
L: Reset.
H: Normal operation.
53
PDN
P2
I
Power-down control pin.
Hi-z input is prohibited.
L: Power-down.
H: Normal operation.
54
SDA
P2
I/O
I2C data pin. Connect to PVDD2 via a pull-up register.
Hi-z input possible when RSTN=L.
Will not accept SDA input during reset sequence.
55
SCL
P2
I
I2C clock input pin. Use PVDD2 or lower for input.
Hi-z input possible when PDN=L.
Will not accept SCL input during reset sequence.
56
SELA
P2
I
( O )
I2C bus address selector pin.
PVDD2 connection: Slave address [0x8A]
DVSS connection: Slave address [0x88]
57
AVDD
A
P
Analog power supply pin.
58
XTO
A
O
Crystal connection pin.
Connect to digital ground via 22 pF capacitor as shown in Sec. 10.
Use 24.576 MHz crystal.
When PDN=L, output level is DVSS.
If crystal is not used, connect to NC or DVSS.
59
AVSS
A
G
Analog ground pin.
60
XTI
A
I
Crystal connection pin.
Connect to digital ground via 22 pF capacitor as shown in Sec. 10.
Use 24.576 MHz crystal resonator.
For input from 24.576 MHz crystal oscillator, use this pin.
61
VRN
A
O
Internal reference negative voltage pin for AD converter.
Connect to AVSS via ≥0.1 µF ceramic capacitor.
62
IREF
A
O
Reference current setting pin.
Connect to ground via 6.8 kΩ (≤1% accuracy) resistor.


Similar Part No. - AK8857VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851VQ AKM-AK8851VQ Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853VN AKM-AK8853VN Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
More results

Similar Description - AK8857VQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC90105FG TOSHIBA-TC90105FG Datasheet
536Kb / 18P
   Dual channel Video Decoder
logo
Asahi Kasei Microsystem...
AK8850 AKM-AK8850 Datasheet
1Mb / 99P
   NTSC Digital Video Decoder
logo
National Semiconductor ...
CLC011 NSC-CLC011 Datasheet
1Mb / 8P
   Serial Digital Video Decoder
CLC011 NSC-CLC011_02 Datasheet
376Kb / 8P
   Serial Digital Video Decoder
logo
OKI electronic componet...
MSM7661B OKI-MSM7661B Datasheet
303Kb / 42P
   NTSC/PAL Digital Video Decoder
logo
Asahi Kasei Microsystem...
AK8855 AKM-AK8855 Datasheet
1Mb / 81P
   NTSC/PAL Digital Video Decoder
AK8854VQ AKM-AK8854VQ Datasheet
1Mb / 95P
   Multi-Format Digital Video Decoder
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
logo
OKI electronic componet...
MSM7662 OKI-MSM7662 Datasheet
472Kb / 62P
   NTSC/PAL Digital Video Decoder
MSM7664 OKI-MSM7664 Datasheet
493Kb / 76P
   NTSC/PAL Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com