Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK8859VQ Datasheet(PDF) 1 Page - Asahi Kasei Microsystems

Part # AK8859VQ
Description  NTSC/PAL/SECAM Digital Video Decoder
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8859VQ Datasheet(HTML) 1 Page - Asahi Kasei Microsystems

  AK8859VQ Datasheet HTML 1Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 2Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 3Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 4Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 5Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 6Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 7Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 8Page - Asahi Kasei Microsystems AK8859VQ Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
[AK8859VQ]
MS1178-E-00
AKM Confidential
2010/04
- 1 -
AK8859VQ
NTSC/PAL/SECAM Digital Video Decoder
Overview
The AK8859VQ is a single-chip digital video decoder for composite and S-video signals. Its output data is in
YCbCr format and compliant with ITU-R BT.601 and ITU-R BT.656 standard interface. Its output also
included HD / VD / FIELD and DVALID signals. Its operational temperature is between ranges of -40°C ~
105°C. Microprocessor access is via I
2C interface.
Features
• Decodes composite and S-Video signals NTSC-J, M, 4.43 / PAL-B, D, G, H, I, N, Nc, M, 60 / SECAM
• 2 input channel
• 10-bit 27MHz ADC 2 channel
• Digital PGA
• Adaptive Automatic Gain Control ( AGC )
• Auto Color Control ( ACC )
• Image adjustment ( Contrast, Saturation, Brightness, Hue, Sharpness )
• Automatic input signal detection
• Adaptive 2-D Y/C separation
• Output data format: ITU-R BT.601 ( YCbCr, 4:2:2, 8bit )
• Output interface: ITU-R BT.656 (4:2:2, 8bit parallel) with EAV/SAV
HD, VD, FIELD and DVALID signal timing output
• Closed Caption signal decoding (output via register)
• VBID (CGMS-A) signal decoding (output via register)
• WSS signal decoding (output via register)
• Macrovision signal detection (Macrovision certification)
• Powerdown function
• I2C control
• Core supply voltage: 1.70 ~ 2.00V
• I/O power supply: 1.70 ~ 3.60V
• Operating temperature: -40°C ~ 105°C
• 48-pin LQFP package ( 7.0mm x 7.0mm )
(Notice) This device is protected by U.S. patent number 6,600,873 and other intellectual property rights.


Similar Part No. - AK8859VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
More results

Similar Description - AK8859VQ

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
AK8851 AKM-AK8851 Datasheet
803Kb / 80P
   NTSC/PAL/SECAM Digital Video Decoder
logo
Sanyo Semicon Device
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
logo
Texas Instruments
TVP5160 TI1-TVP5160_11 Datasheet
1Mb / 111P
[Old version datasheet]   NTSC/PAL/SECAM/Component 2x10-Bit Digital Video Decoder
TVP5150AM1 TI1-TVP5150AM1 Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1-EP TI-TVP5150AM1-EP Datasheet
901Kb / 79P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5151 TI1-TVP5151 Datasheet
1Mb / 85P
[Old version datasheet]   Ultralow-Power NTSC/PAL/SECAM Video Decoder
TVP5150AM1IPBSR TI1-TVP5150AM1IPBSR Datasheet
1Mb / 88P
[Old version datasheet]   Ultralow-Power NTSC,PAL,SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8856 AKM-AK8856 Datasheet
2Mb / 105P
   NTSC/PAL Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com