Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14842ATE+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX14842ATE+
Description  6-Channel, Digital Ground-Level Translator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14842ATE+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX14842ATE+ Datasheet HTML 3Page - Maxim Integrated Products MAX14842ATE+ Datasheet HTML 4Page - Maxim Integrated Products MAX14842ATE+ Datasheet HTML 5Page - Maxim Integrated Products MAX14842ATE+ Datasheet HTML 6Page - Maxim Integrated Products MAX14842ATE+ Datasheet HTML 7Page - Maxim Integrated Products MAX14842ATE+ Datasheet HTML 8Page - Maxim Integrated Products MAX14842ATE+ Datasheet HTML 9Page - Maxim Integrated Products MAX14842ATE+ Datasheet HTML 10Page - Maxim Integrated Products MAX14842ATE+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
6-Channel, Digital Ground-Level Translator
7
Typical Operating Characteristics
(VDDA - VGNDA = +3.3V, VDDB - VGNDB = +3.3V, VGNDB - VGNDA = +50V, RPUA = RPUB = 2kI, CL = 15pF, see the Typical Operating
Circuit, TA = +25NC, unless otherwise noted.)
PROPAGATION DELAY
vs. CAPACITIVE LOAD
CL (pF)
90
80
60 70
30 40 50
20
2
4
6
8
10
12
14
16
18
0
10
100
LOW TO HIGH
HIGH TO LOW
INA_ TO OUTB_
PROPAGATION DELAY
vs. SUPPLY VOLTAGE
VDDA (V)
5.0
4.5
4.0
3.5
2
4
6
8
10
12
0
3.0
5.5
VGNDB - VGNDA = 0V
VGNDB - VGNDA = 50V
VGNDB - VGNDA = 72V
VDDA = VDDB
INA_ TO OUTB_
HIGH-TO-LOW TRANSITION
PROPAGATION DELAY
vs. SUPPLY VOLTAGE
VDDA (V)
5.0
4.5
4.0
3.5
2
4
6
8
10
12
0
3.0
5.5
VGNDB - VGNDA = 0V
VGNDB - VGNDA = 50V
VGNDB - VGNDA = 72V
VDDA = VDDB
INA_ TO OUTB_
LOW-TO-HIGH TRANSITION
OUTPUT-VOLTAGE HIGH
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
40
30
20
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
050
OUTB1
VDDA = 5.0V
VDDA = 3.3V
OUTPUT-VOLTAGE HIGH
vs. SOURCE CURRENT
SOURCE CURRENT (mA)
40
30
20
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
050
OUTA1
VDDA = 5.0V
VDDA = 3.3V
IDDB vs. DATA RATE
DATA RATE (Mbps)
10
1
0.1
1.5
2.0
2.5
3.0
3.5
4.0
1.0
0.01
100
SWITCHING INPUT ON I/OA1
SWITCHING INPUT ON I/OB1
SWITCHING INPUT ON INA1
SWITCHING INPUT ON INB1
IDDA vs. DATA RATE
DATA RATE (Mbps)
10
1
0.1
1.5
2.0
2.5
3.0
3.5
1.0
0.01
100
SWITCHING INPUT ON I/OB1
SWITCHING INPUT ON I/OA1
SWITCHING INPUT ON INA1
SWITCHING INPUT ON INB1
IDDB vs. VDDB
VDDB (V)
5.0
4.5
3.5
4.0
1
2
3
4
6
5
7
8
0
3.0
5.5
TA = +125°C
TA = +25°C
TA = -40°C
IDDA vs. VDDA
VDDA (V)
5.0
4.5
4.0
3.5
1
2
3
4
5
6
7
0
3.0
5.5
TA = +125°C
TA = +25°C
TA = -40°C


Similar Part No. - MAX14842ATE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1484 MAXIM-MAX1484 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
MAX14840E MAXIM-MAX14840E Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840EASA++ MAXIM-MAX14840EASA+ Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840EATA++ MAXIM-MAX14840EATA+ Datasheet
1Mb / 15P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 0; 2/10
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
   40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
More results

Similar Description - MAX14842ATE+

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL3034E RENESAS-ISL3034E Datasheet
893Kb / 16P
   6-Channel High Speed, Auto-Direction Sensing Logic Level Translator
Nov 7, 2019
logo
ON Semiconductor
FXLH1T45 ONSEMI-FXLH1T45 Datasheet
460Kb / 12P
   Level Translator
March, 2019 ??Rev. 2
logo
Holt Integrated Circuit...
HI-8423 HOLTIC-HI-8423_13 Datasheet
64Kb / 6P
   6-Channel / 8-Channel Discrete-to-Digital Interface Sensing Open / Ground Signals
logo
Texas Instruments
LSF0101 TI1-LSF0101 Datasheet
1Mb / 39P
[Old version datasheet]   Channel Bidirectional Multi-Voltage Level Translator
logo
Analog Devices
ADG3231 AD-ADG3231 Datasheet
173Kb / 8P
   Low Voltage, Single-Channel Level Translator
REV. 0
logo
Texas Instruments
TXB0106 TI1-TXB0106_15 Datasheet
1Mb / 28P
[Old version datasheet]   6-Bit Bidirectional Level-Shifting and Voltage Translator
PCA9306-Q1 TI1-PCA9306-Q1_16 Datasheet
972Kb / 23P
[Old version datasheet]   Voltage-Level Translator
logo
Maxim Integrated Produc...
MAX14595 MAXIM-MAX14595 Datasheet
1Mb / 11P
   Low-Power Dual-Channel Logic-Level Translator
Rev 0; 12/11
logo
Texas Instruments
LSF0108-Q1 TI1-LSF0108-Q1 Datasheet
1Mb / 24P
[Old version datasheet]   Automotive 8-Channel Multi-Voltage Level Translator
LMK00306 TI1-LMK00306 Datasheet
1Mb / 25P
[Old version datasheet]   3-GHz 6-Output Differential Clock Buffer/Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com