Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15026 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15026
Description  Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15026 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15026_12 Datasheet HTML 1Page - Maxim Integrated Products MAX15026_12 Datasheet HTML 2Page - Maxim Integrated Products MAX15026_12 Datasheet HTML 3Page - Maxim Integrated Products MAX15026_12 Datasheet HTML 4Page - Maxim Integrated Products MAX15026_12 Datasheet HTML 5Page - Maxim Integrated Products MAX15026_12 Datasheet HTML 6Page - Maxim Integrated Products MAX15026_12 Datasheet HTML 7Page - Maxim Integrated Products MAX15026_12 Datasheet HTML 8Page - Maxim Integrated Products MAX15026_12 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Low-Cost, Small, 4.5V to 28V Wide Operating
Range, DC-DC Synchronous Buck Controller
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LIM Reference Current
ILIM
VLIM = 0.3V to 3V (Note 4)
45
50
55
µA
LIM Reference Current Tempco
VLIM = 0.3V to 3V
2300
ppm/°C
Number of Consecutive Current-
Limit Events to Hiccup
7
Events
Soft-Start Timeout
4096
Switching
Cycles
Soft-Start Restart Timeout
8192
Switching
Cycles
Hiccup Timeout
Out of soft-start
4096
Switching
Cycles
Peak Low-Side Sink Current
Limit
Sink limit = 1.5V, RLIM = 30k
Ω (Note 4)
75
mV
BOOST
Boost Switch Resistance
VIN = VCC = 5V, IBST = 10mA
3
8
POWER-GOOD OUTPUT
PGOOD Threshold Rising
90
94.5
97.5
%VFB
PGOOD Threshold Falling
88
92
94.5
%VFB
PGOOD Output Leakage
ILEAK_PGD
VIN = VPGOOD = 28V, VEN = 5V, VFB = 1V
-1
+1
µA
PGOOD Output Low Voltage
VPGOOD_L
IPGOOD = 2mA, EN = GND
0.4
V
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Temperature rising
+150
°C
Thermal-Shutdown Hysteresis
Temperature falling
20
°C
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, RRT = 27kΩ, RLIM = 30kΩ, CVCC = 4.7µF, CIN = 1µF, TA = -40°C to +85°C (MAX15026B/CETD+, MAX15026BETD/V+),
TA = TJ = -40°C to +125°C (MAX15026B/C/DATD+), unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Note 2: All devices are 100% tested at room temperature and guaranteed by design over the specified temperature range.
Note 3: Select RRT as:
where fSW is in Hertz.
Note 4: TA = +25°C.
Note 5: 10ns for MAX15026B, 18ns for the MAX15026C/D.
Note 6: 10ns for MAX15026B, 20ns for the MAX15026C/D.
R
17.3 10
f
1x10 )x(f
RT
9
SW
7
SW
=
×
+
()
2


Similar Part No. - MAX15026_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
More results

Similar Description - MAX15026_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
logo
Rohm
BD95601MUV-LB ROHM-BD95601MUV-LB Datasheet
2Mb / 25P
   4.5V to 25V Input 1ch Synchronous Buck DC/DC Controller
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Rohm
BD95602MUV ROHM-BD95602MUV Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com