Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15026 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15026
Description  Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15026 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15026 Datasheet HTML 1Page - Maxim Integrated Products MAX15026 Datasheet HTML 2Page - Maxim Integrated Products MAX15026 Datasheet HTML 3Page - Maxim Integrated Products MAX15026 Datasheet HTML 4Page - Maxim Integrated Products MAX15026 Datasheet HTML 5Page - Maxim Integrated Products MAX15026 Datasheet HTML 6Page - Maxim Integrated Products MAX15026 Datasheet HTML 7Page - Maxim Integrated Products MAX15026 Datasheet HTML 8Page - Maxim Integrated Products MAX15026 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Low-Cost, Small, 4.5V to 28V Wide Operating
Range, DC-DC Synchronous Buck Controller
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ENABLE (EN)
EN Input High
VEN_H
VEN rising
1.14
1.20
1.26
V
EN Input Low
VEN_L
VEN falling
0.997
1.05
1.103
V
EN Input Leakage Current
ILEAK_EN
VEN = 5.5V
-1
+1
µA
OSCILLATOR
Switching Frequency
fSW
RRT = 27k
540
600
660
kHz
1MHz Switching Frequency
RRT = 15.7k
0.9
1
1.1
MHz
2MHz Switching Frequency
RRT = 7.2k
1.8
2.0
2.4
MHz
Switching Frequency Adjustment
Range (Note 3)
200
2000
kHz
RT Voltage
VRT
1.19
1.205
1.22
V
PWM Ramp Peak-to-Peak
Amplitude
VRAMP
1.8
V
PWM Ramp Valley
VVALLEY
0.8
V
Minimum Controllable On-Time
65
100
ns
Maximum Duty Cycle
fSW = 600kHz
85
88
%
Minimum Low-Side On-Time
RRT = 15.7k
75
110
150
ns
OUTPUT DRIVERS/DRIVER SUPPLY (DRV)
DRV Undervoltage Lockout
VDRV_UVLO VDRV rising
4.0
4.2
4.4
V
DRV Undervoltage Lockout
Hysteresis
400
mV
Low, sinking 100mA, VBST = 5V
1
3
DH On-Resistance
High, sourcing 100mA, VBST = 5V
1.5
4.5
Low, sinking 100mA, VBST = 5.2V
1
3
DL On-Resistance
High, sourcing 100mA, VBST = 5.2V
1.5
4.5
Sinking
4
DH Peak Current
CLOAD = 10nF
Sourcing
3
A
Sinking
4
DL Peak Current
CLOAD = 10nF
Sourcing
3
A
DH/DL Break-Before-Make Time
DH at 1V (falling) to DL at 1V (rising)
10 (18, Note 5)
ns
DL/DH Break-Before-Make Time
DL at 1V (falling) to DH at 1V (rising)
10 (20, Note 6)
ns
SOFT-START
Soft-Start Duration
2048
Switching
Cycles
Reference Voltage Steps
64
Steps
CURRENT LIMIT/HICCUP
Current-Limit Threshold
Adjustment Range
Cycle-by-cycle valley current-limit
threshold adjustment range
valley limit = VLIM/10
30
300
mV
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, RRT = 27kΩ, RLIM = 30kΩ, CVCC = 4.7µF, CIN = 1µF, TA = -40°C to +85°C (MAX15026B/CETD+, MAX15026BETD/V+),
TA = TJ = -40°C to +125°C (MAX15026B/C/DATD+), unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)


Similar Part No. - MAX15026

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
MAX15026B MAXIM-MAX15026B Datasheet
236Kb / 10P
   600kHz Switching Frequency
Rev 0; 6/08
MAX15026BATD MAXIM-MAX15026BATD Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
MAX15026BATD++ MAXIM-MAX15026BATD+ Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
More results

Similar Description - MAX15026

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15026 MAXIM-MAX15026 Datasheet
318Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 1; 5/09
MAX15026 MAXIM-MAX15026_11 Datasheet
357Kb / 23P
   Low-Cost, Small, 4.5V to 28V Wide Operating Range, DC-DC Synchronous Buck Controller
Rev 3; 4/11
MAX15023 MAXIM-MAX15023_11 Datasheet
481Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023ETG-T MAXIM-MAX15023ETG-T Datasheet
499Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 2; 3/11
MAX15023 MAXIM-MAX15023 Datasheet
417Kb / 28P
   Wide 4.5V to 28V Input, Dual-Output Synchronous Buck Controller
Rev 1; 2/09
logo
Rohm
BD95601MUV-LB ROHM-BD95601MUV-LB Datasheet
2Mb / 25P
   4.5V to 25V Input 1ch Synchronous Buck DC/DC Controller
logo
Analog Devices
ADP1850 AD-ADP1850_V01 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
Rev. C
logo
Rohm
BD95602MUV-LB ROHM-BD95602MUV-LB Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
30.May.2017 Rev.003
logo
Analog Devices
ADP1850 AD-ADP1850 Datasheet
1Mb / 32P
   Wide Range Input, Dual/Two-Phase, DC-to-DC Synchronous Buck Controller
REV. 0
logo
Rohm
BD95602MUV ROHM-BD95602MUV Datasheet
3Mb / 42P
   5.5V to 28V Input, 2ch Synchronous Buck DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com