Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM6341ZP10A Datasheet(PDF) 2 Page - Motorola, Inc

Part # SCM6341ZP10A
Description  128K x 24 Bit Static Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6341ZP10A Datasheet(HTML) 2 Page - Motorola, Inc

  SCM6341ZP10A Datasheet HTML 1Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 2Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 3Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 4Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 5Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 6Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 7Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 8Page - Motorola, Inc SCM6341ZP10A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MCM6341
2
MOTOROLA FAST SRAM
PIN ASSIGNMENT
119–BUMP PBGA
TOP VIEW
6
5
4
3
2
17
B
C
VSS
G
A
D
E
F
H
J
VDD
VSS
VDD
VSS
A
VSS
VSS
AA
AA
NC
AA
AA
NC
DQ
DQ
NC
NC
A
NC
VDD
DQ
NC
NC
A
W
A
A
NC
G
DQ
VSS
NC
VDD
DQ
DQ
VSS
DQ
VDD
DQ
DQ
VSS
VSS
DQ
VDD
VDD
VSS
VDD
VSS
DQ
DQ
VDD VSS
VSS
VSS
VDD
VSS
DQ
DQ
VDD VSS
VSS
VDD
DQ
NC
A
A
E1
K
L
M
N
P
R
T
U
NC
NC
A
NC
NC
DQ
VSS
VDD
VDD
VDD
VDD
VSS
VSS
VDD
E2
NC
E3
NC
A
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD
VDD
VSS
VSS
VDD
VDD
VDD
VDD
VSS
VSS
DQ
DQ
DQ
DQ
DQ
DQ
DQ
DQ


Similar Part No. - SCM6341ZP10A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCM6343YJ12A MOTOROLA-SCM6343YJ12A Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ12AR MOTOROLA-SCM6343YJ12AR Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ15A MOTOROLA-SCM6343YJ15A Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ15AR MOTOROLA-SCM6343YJ15AR Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - SCM6341ZP10A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com