Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31855JASA+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX31855JASA+
Description  Cold-Junction Compensated Thermocouple-to-Digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31855JASA+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX31855JASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX31855JASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX31855JASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX31855JASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX31855JASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX31855JASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX31855JASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX31855JASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX31855JASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MAX31855
Cold-Junction Compensated
Thermocouple-to-Digital Converter
����������������������������������������������������������������� Maxim Integrated Products 1
General Description
The MAX31855 performs cold-junction compensation
and digitizes the signal from a K-, J-, N-, T-, S-, R-, or
E-type thermocouple. The data is output in a signed
14-bit, SPI-compatible, read-only format. This converter
resolves temperatures to 0.25NC, allows readings as high
as +1800NC and as low as -270NC, and exhibits thermo-
couple accuracy of ±2NC for temperatures ranging from
-200NC to +700NC for K-type thermocouples. For full
range accuracies and other thermocouple types, see the
Thermal Characteristics specifications.
Applications
Industrial
Appliances
HVAC
Automotive
Features
S
Cold-Junction Compensation
S
14-Bit, 0.25NC Resolution
S
Versions Available for K-, J-, N-, T-, S-, R-, and
E-Type Thermocouples (see Table 1)
S
Simple SPI-Compatible Interface (Read-Only)
S
Detects Thermocouple Shorts to GND or VCC
S
Detects Open Thermocouple
Typical Application Circuit
19-5793; Rev 2; 2/12
For related parts and recommended products to use with this part,
refer to: www.maxim-ic.com/MAX31855.related
Ordering Information appears at end of data sheet.
VCC
GND
T+
T-
SO
SCK
CS
MICROCONTROLLER
MISO
SCK
SS
0.1µF
MAX31855
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX31855JASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855JASA++ MAXIM-MAX31855JASA+ Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX31855JASA+T MAXIM-MAX31855JASA+T Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
More results

Similar Description - MAX31855JASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
MAX31855_1111 MAXIM-MAX31855_1111 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 1; 11/11
MAX31855 MAXIM-MAX31855_V01 Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX6674 MAXIM-MAX6674 Datasheet
131Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
Rev 1; 8/02
MAX6675 MAXIM-MAX6675_V01 Datasheet
556Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 1024째C)
19-2235; Rev 3; 6/21
MAX6674 MAXIM-MAX6674_V01 Datasheet
559Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
19-2241; Rev 2; 4/14
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
   Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX6675ISA MAXIM-MAX6675ISA Datasheet
411Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-digital converter (0°C to 1024°C)
Rev 1; 3/02
MAX6675 MAXIM-MAX6675 Datasheet
130Kb / 8P
   Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0째C to 1024째C)
Rev 1; 3/02
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com