Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX31855NASA+ Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX31855NASA+
Description  Cold-Junction Compensated Thermocouple-to-Digital Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX31855NASA+ Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX31855NASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX31855NASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX31855NASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX31855NASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX31855NASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX31855NASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX31855NASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX31855NASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX31855NASA+ Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
����������������������������������������������������������������� Maxim Integrated Products 7
MAX31855
Cold-Junction Compensated
Thermocouple-to-Digital Converter
Pin Description
Pin Configuration
Block Diagram
PIN
NAME
FUNCTION
1
GND
Ground
2
T-
Thermocouple Input. See Table 1. Do
not connect to GND.
3
T+
Thermocouple Input. See Table 1.
4
VCC
Power-Supply Voltage
5
SCK
Serial-Clock Input
6
CS
Active-Low Chip Select. Set CS low to
enable the serial interface.
7
SO
Serial-Data Output
8
DNC
Do Not Connect
CS
SCK
VCC
1
+
2
8
7
DNC
SO
T-
T+
GND
SO
TOP VIEW
3
4
6
5
MAX31855
MAX31855
ADC
DIGITAL
CONTROL
COLD-JUNCTION
COMPENSATION
FAULT
DETECTION
REFERENCE
VOLTAGE
S4
S1
S2
S3
S5
SCK
VCC
VCC
SO
CS
GND
T+
T-


Similar Part No. - MAX31855NASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855NASA++ MAXIM-MAX31855NASA+ Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX31855NASA+T MAXIM-MAX31855NASA+T Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
More results

Similar Description - MAX31855NASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX31855 MAXIM-MAX31855 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 0; 3/11
MAX31855_1111 MAXIM-MAX31855_1111 Datasheet
1Mb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
Rev 1; 11/11
MAX31855 MAXIM-MAX31855_V01 Datasheet
568Kb / 13P
   Cold-Junction Compensated Thermocouple-to-Digital Converter
19-5793; Rev 5; 1/15
MAX6674 MAXIM-MAX6674 Datasheet
131Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
Rev 1; 8/02
MAX6675 MAXIM-MAX6675_V01 Datasheet
556Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 1024째C)
19-2235; Rev 3; 6/21
MAX6674 MAXIM-MAX6674_V01 Datasheet
559Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-Digital Converter (0째C to 128째C)
19-2241; Rev 2; 4/14
MAX31850 MAXIM-MAX31850 Datasheet
1Mb / 25P
   Cold-Junction Compensated, 1-Wire Thermocouple-to-Digital Converters
Rev 0; 6/13
MAX6675ISA MAXIM-MAX6675ISA Datasheet
411Kb / 8P
   Cold-Junction-Compensated K-Thermocouple to-digital converter (0°C to 1024°C)
Rev 1; 3/02
MAX6675 MAXIM-MAX6675 Datasheet
130Kb / 8P
   Cold-Junction-Compensated K-Thermocoupleto-Digital Converter (0째C to 1024째C)
Rev 1; 3/02
logo
Linear Technology
LT1025 LINER-LT1025_15 Datasheet
203Kb / 12P
   Micropower Thermocouple Cold Junction Compensator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com