Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1898 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SD1898
Description  POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD1898 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SD1898 Datasheet HTML 1Page - Unisonic Technologies 2SD1898 Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UNISONIC TECHNOLOGIES CO., LTD
2SD1898
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 2
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R208-030.C
POWER TRANSISTOR
FEATURES
*High VCEO= 80V
*High IC= 1A (DC)
*Good hFE linearity.
*Low VCE(SAT)
*Complements the 2SB1260.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
2SD1898L-x-AB3-R
2SD1898G-x-AB3-R
SOT-89
B
C
E
Tape Reel
Note: Pin Assignment: B: Base
C: Collector
E: Emitter


Similar Part No. - 2SD1898

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1898 ROHM-2SD1898 Datasheet
89Kb / 4P
   Power Transistor (80V, 1A)
2SD1898 ROHM-2SD1898 Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Weitron Technology
2SD1898 WEITRON-2SD1898 Datasheet
112Kb / 4P
   Epitaxial Planar NPN Transistors
logo
SHENZHEN YONGERJIA INDU...
2SD1898 WINNERJOIN-2SD1898 Datasheet
176Kb / 2P
   TRANSISTOR (NPN)
logo
Unisonic Technologies
2SD1898 UTC-2SD1898 Datasheet
123Kb / 3P
   POWER TRANSISTOR
More results

Similar Description - 2SD1898

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB798 UTC-2SB798 Datasheet
118Kb / 3P
   POWER TRANSISTOR
logo
Shindengen Electric Mfg...
2SC1470 SHINDENGEN-2SC1470 Datasheet
39Kb / 1P
   POWER TRANSISTOR
logo
DAESAN ELECTRONIC CORP.
E13001TO-92 DAESAN-E13001TO-92 Datasheet
428Kb / 2P
   POWER TRANSISTOR
logo
ON Semiconductor
MJE1320 ONSEMI-MJE1320 Datasheet
281Kb / 8P
   POWER TRANSISTOR
1995
logo
RFHIC
RT230PD RFHIC-RT230PD_14 Datasheet
445Kb / 32P
   Power Transistor
logo
Rohm
2SB1316TL ROHM-2SB1316TL Datasheet
78Kb / 3P
   Power Transistor
logo
STMicroelectronics
TIP32C STMICROELECTRONICS-TIP32C_06 Datasheet
167Kb / 8P
   Power transistor
logo
Rohm
2SD1763AE ROHM-2SD1763AE Datasheet
51Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SA1797 KEXIN-2SA1797 Datasheet
36Kb / 1P
   Power Transistor
2SD1898 KEXIN-2SD1898 Datasheet
51Kb / 1P
   Power Transistor
logo
New Jersey Semi-Conduct...
2N174 NJSEMI-2N174 Datasheet
157Kb / 1P
   POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com