Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3N50Z Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 3N50Z
Description  3A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N50Z Datasheet(HTML) 6 Page - Unisonic Technologies

  3N50Z Datasheet HTML 1Page - Unisonic Technologies 3N50Z Datasheet HTML 2Page - Unisonic Technologies 3N50Z Datasheet HTML 3Page - Unisonic Technologies 3N50Z Datasheet HTML 4Page - Unisonic Technologies 3N50Z Datasheet HTML 5Page - Unisonic Technologies 3N50Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
3N50Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R502-747.a
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 3N50Z

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
3N50Z VBSEMI-3N50Z Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) Power MOSFET
3N50ZG VBSEMI-3N50ZG Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) Power MOSFET
logo
Unisonic Technologies
3N50ZG-TF3-T UTC-3N50ZG-TF3-T Datasheet
178Kb / 6P
   N-CHANNEL POWER MOSFET
3N50ZL-TF3-T UTC-3N50ZL-TF3-T Datasheet
178Kb / 6P
   N-CHANNEL POWER MOSFET
3N50Z UTC-3N50Z_15 Datasheet
178Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 3N50Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N50_1109 UTC-3N50_1109 Datasheet
181Kb / 6P
   3A, 500V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT3N50 AOSMD-AOT3N50 Datasheet
146Kb / 6P
   500V, 3A N-Channel MOSFET
AOT3N50 AOSMD-AOT3N50_10 Datasheet
164Kb / 6P
   500V, 3A N-Channel MOSFET
AOD3N50 AOSMD-AOD3N50 Datasheet
174Kb / 6P
   3A, 500V N-Channel MOSFET
AOD3C50 AOSMD-AOD3C50 Datasheet
316Kb / 6P
   500V,3A N-Channel MOSFET
AOD3N50 AOSMD-AOD3N50_11 Datasheet
331Kb / 6P
   500V, 3A N-Channel MOSFET
logo
Intersil Corporation
JANSR2N7402 INTERSIL-JANSR2N7402 Datasheet
45Kb / 8P
   3A, 500V, 2.70 Ohm, Rad Hard, N-Channel Power MOSFET
logo
Fairchild Semiconductor
FDD5N50U FAIRCHILD-FDD5N50U Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3A, 2.0廓
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com