Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM6341ZP15A Datasheet(PDF) 4 Page - Motorola, Inc

Part # SCM6341ZP15A
Description  128K x 24 Bit Static Random Access Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM6341ZP15A Datasheet(HTML) 4 Page - Motorola, Inc

  SCM6341ZP15A Datasheet HTML 1Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 2Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 3Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 4Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 5Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 6Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 7Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 8Page - Motorola, Inc SCM6341ZP15A Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MCM6341
4
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V ± 10%, TA = 0 to + 70°C, Unless Otherwise Noted)
(TA = – 40 to + 85°C for Industrial Temperature Offering)
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage (Operating Voltage Range)
VDD
3.0
3.3
3.6
V
Input High Voltage
VIH
2.2
VDD + 0.3**
V
Input Low Voltage
VIL
– 0.5
*
0.8
V
*VIL (min) = – 0.5 V dc; VIL (min) = – 2.0 V ac (pulse width ≤ 2.0 ns).
** VIH (max) = VDD + 0.3 V dc; VIH (max) = VDD + 2.0 V ac (pulse width ≤ 2.0 ns).
DC CHARACTERISTICS (See Note)
Parameter
Symbol
Min
Max
Unit
Input Leakage Current (All Inputs, Vin = 0 to VDD)
Ilkg(I)
± 1.0
µA
Output Leakage Current (E = VIH, Vout = 0 to VDD)
Ilkg(O)
± 1.0
µA
Output Low Voltage (IOL = + 8.0 mA)
VOL
0.4
V
Output High Voltage (IOH = – 4.0 mA)
VOH
2.4
V
NOTE: E1, E2, and E3 are represented by E in this data sheet. E2 is of opposite polarity to E1 and E3.
POWER SUPPLY CURRENTS (See Note)
Parameter
Symbol
0 to 70
°C
– 40 to
+ 85
°C
Unit
AC Active Supply Current
MCM6341–10
(Iout = 0 mA, VDD = max)
MCM6341–11
MCM6341–12
MCM6341–15
IDD
280
275
270
260
290
285
280
270
mA
AC Standby Current (VDD = max, E = VIH,
MCM6341–10
No other restrictions on other inputs)
MCM6341–11
MCM6341–12
MCM6341–15
ISB1
50
50
50
45
55
55
55
50
mA
CMOS Standby Current (E
≥ VDD – 0.2 V, Vin ≤ VSS + 0.2 V or ≥ VDD – 0.2 V)
(VDD = max, f = 0 MHz)
ISB2
20
20
mA
NOTE: E1, E2, and E3 are represented by E in this data sheet. E2 is of opposite polarity to E1 and E3.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, TA = 25°C, Periodically Sampled Rather Than 100% Tested)
Parameter
Symbol
Typ
Max
Unit
Input Capacitance
All Inputs Except Clocks and DQs
E, G, W
Cin
Cck
4
5
6
8
pF
Input/Output Capacitance
DQ
CI/O
5
8
pF


Similar Part No. - SCM6341ZP15A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SCM6343YJ12A MOTOROLA-SCM6343YJ12A Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ12AR MOTOROLA-SCM6343YJ12AR Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ15A MOTOROLA-SCM6343YJ15A Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
SCM6343YJ15AR MOTOROLA-SCM6343YJ15AR Datasheet
169Kb / 10P
   256K x 15 Bit 3.3 V Asynchronous Fast Static RAM
More results

Similar Description - SCM6341ZP15A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM6226BB MOTOROLA-MCM6226BB Datasheet
156Kb / 8P
   128K x 8 Bit Static Random Access Memory
MCM6726D MOTOROLA-MCM6726D Datasheet
117Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
MCM6926A MOTOROLA-MCM6926A Datasheet
122Kb / 8P
   128K x 9 Bit Fast Static Random Access Memory
MCM6726C MOTOROLA-MCM6726C Datasheet
111Kb / 7P
   128K x 8 Bit Fast Static Random Access Memory
logo
ACCUTEK MICROCIRCUIT CO...
AK62464Z ACCUTEK-AK62464Z Datasheet
177Kb / 2P
   65,536 x 24 Bit CMOS/BiCMOS Static Random Access Memory
logo
Motorola, Inc
MCM6227A MOTOROLA-MCM6227A Datasheet
210Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6227B MOTOROLA-MCM6227B Datasheet
147Kb / 8P
   1M x 1 Bit Static Random Access Memory
MCM6706B MOTOROLA-MCM6706B Datasheet
102Kb / 7P
   32K x 8 Bit Static Random Access Memory
MCM6706CR MOTOROLA-MCM6706CR Datasheet
106Kb / 8P
   32K x 8 Bit Static Random Access Memory
MCM6706R MOTOROLA-MCM6706R Datasheet
151Kb / 8P
   32K x 8 Bit Static Random Access Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com