Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N40L-TF3-T Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 6N40L-TF3-T
Description  6A, 400V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N40L-TF3-T Datasheet(HTML) 3 Page - Unisonic Technologies

  6N40L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 6N40L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6N40
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-487.d
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
400
V
Breakdown Voltage Temperature Coefficient ΔBVDSS/ΔTJ
ID=250μA,
Referenced to 25°C
0.54
V/°C
VDS=400V, VGS=0V
1
µA
Drain-Source Leakage Current
IDSS
VDS=320V, TJ=125°C
10
µA
Forward
VDS=0V ,VGS=+30V
+100
nA
Gate-Source Leakage Current
Reverse
IGSS
VDS=0V ,VGS=-30V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.0
4.0
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3A
0.8
1
DYNAMIC PARAMETERS
Input Capacitance
CISS
480
625
pF
Output Capacitance
COSS
80
105
pF
Reverse Transfer Capacitance
CRSS
VDS=25V,VGS=0V,f=1.0MHz
15
20
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
16
20
nC
Gate-Source Charge
QGS
2.3
nC
Gate-Drain Charge
QGD
VDS=320V, VGS=10V, ID=6A
(Note 1,2)
8.2
nC
Turn-ON Delay Time
tD(ON)
13
35
ns
Turn-ON Rise Time
tR
65
140
ns
Turn-OFF Delay Time
tD(OFF)
21
55
ns
Turn-OFF Fall Time
tF
VDD=200V, ID=6A, RG=25Ω
(Note 1,2)
38
85
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
6
A
Maximum Body-Diode Pulsed Current
ISM
24
A
Drain-Source Diode Forward Voltage
VSD
IS =6A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time
trr
230
ns
Body Diode Reverse Recovery Charge
QRR
VGS=0V, IS=6A,
dIF/dt=100A/μs (Note 1)
1.7
μC
Notes: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature


Similar Part No. - 6N40L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N40L-TF3-T UTC-6N40L-TF3-T Datasheet
169Kb / 6P
   6 Amps, 400 Volts N-CHANNEL POWER MOSFET
6N40L-TF3-T UTC-6N40L-TF3-T Datasheet
189Kb / 6P
   N-CHANNEL MOSFET ARRAY FOR SWITCHING
More results

Similar Description - 6N40L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
730 WXDH-730 Datasheet
1Mb / 12P
   6A 400V N-channel Enhancement Mode Power MOSFET
logo
MagnaChip Semiconductor...
MDD9N40 MGCHIP-MDD9N40 Datasheet
840Kb / 6P
   N-Channel MOSFET 400V, 6A, 0.85(ohm)
logo
Unisonic Technologies
18N40 UTC-18N40 Datasheet
145Kb / 3P
   400V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
HGTD6N40E1 INTERSIL-HGTD6N40E1 Datasheet
32Kb / 4P
   6A, 400V and 500V N-Channel IGBTs
March 1997
logo
STMicroelectronics
STP7NC40 STMICROELECTRONICS-STP7NC40 Datasheet
244Kb / 8P
   N-CHANNEL 400V - 0.75ohm - 6A TO-220 PowerMESH?줚I MOSFET
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Unisonic Technologies
1N40_1109 UTC-1N40_1109 Datasheet
173Kb / 4P
   1A, 400V N-CHANNEL POWER MOSFET
5N40 UTC-5N40 Datasheet
198Kb / 6P
   5A, 400V N-CHANNEL POWER MOSFET
12N40 UTC-12N40 Datasheet
164Kb / 4P
   12A, 400V N-CHANNEL POWER MOSFET
13N40 UTC-13N40 Datasheet
157Kb / 4P
   13A, 400V N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com