Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N50G-TA3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 6N50G-TA3-T
Description  6A, 500V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N50G-TA3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  6N50G-TA3-T Datasheet HTML 1Page - Unisonic Technologies 6N50G-TA3-T Datasheet HTML 2Page - Unisonic Technologies 6N50G-TA3-T Datasheet HTML 3Page - Unisonic Technologies 6N50G-TA3-T Datasheet HTML 4Page - Unisonic Technologies 6N50G-TA3-T Datasheet HTML 5Page - Unisonic Technologies 6N50G-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
6N50
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-526.b
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Peak Diode Recovery dv/dt Test Circuit & Waveforms
Same Type
as DUT
ISD
VGS
L
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Driver


Similar Part No. - 6N50G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N50G-TA3-T UTC-6N50G-TA3-T Datasheet
172Kb / 6P
   6 Amps, 500 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 6N50G-TA3-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF7N50F FAIRCHILD-FDPF7N50F Datasheet
549Kb / 9P
   N-Channel MOSFET, FRFET 500V, 6A, 1.15OHM
logo
Taiwan Semiconductor Co...
TSM4ND50 TSC-TSM4ND50 Datasheet
704Kb / 8P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50 Datasheet
218Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_10 Datasheet
309Kb / 8P
   500V N-Channel Power MOSFET
TSM4NB50 TSC-TSM4NB50 Datasheet
187Kb / 7P
   500V N-Channel Power MOSFET
TSM13N50 TSC-TSM13N50_12 Datasheet
529Kb / 10P
   500V N-Channel Power MOSFET
TSM5ND50 TSC-TSM5ND50_11 Datasheet
310Kb / 9P
   500V N-Channel Power MOSFET
TSM20N50 TSC-TSM20N50_13 Datasheet
460Kb / 10P
   500V N-Channel Power MOSFET
TSM1N50CT TSC-TSM1N50CT Datasheet
124Kb / 7P
   500V N-CHANNEL POWER MOSFET
TSM5NB50 TSC-TSM5NB50_14 Datasheet
1Mb / 10P
   500V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com