Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N60L-TM3-T Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 6N60L-TM3-T
Description  6.2A, 600V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N60L-TM3-T Datasheet(HTML) 1 Page - Unisonic Technologies

  6N60L-TM3-T Datasheet HTML 1Page - Unisonic Technologies 6N60L-TM3-T Datasheet HTML 2Page - Unisonic Technologies 6N60L-TM3-T Datasheet HTML 3Page - Unisonic Technologies 6N60L-TM3-T Datasheet HTML 4Page - Unisonic Technologies 6N60L-TM3-T Datasheet HTML 5Page - Unisonic Technologies 6N60L-TM3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N60
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2011 Unisonic Technologies Co., Ltd
QW-R502-117.G
6.2A, 600V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N60 is a high voltage power MOSFET and is
designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and have a high
rugged avalanche characteristics. This power MOSFET is usually
used at high speed switching applications in switching power
supplies and adaptors.
FEATURES
* RDS(ON) = 1.5Ω @VGS = 10V
* Ultra low gate charge (typical 20 nC )
* Low reverse transfer Capacitance ( CRSS = typical 10pF )
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-251
1
TO-252
TO-220
TO-220F
TO-220F2
1
1
1
1
TO-220F1
1
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
6N60L-TA3-T
6N60G-TA3-T
TO-220
G
D
S
Tube
6N60L-TF1-T
6N60G-TF1-T
TO-220F1
G
D
S
Tube
6N60L-TF2-T
6N60G-TF2-T
TO-220F2
G
D
S
Tube
6N60L-TF3-T
6N60G-TF3-T
TO-220F
G
D
S
Tube
6N60L-TM3-T
6N60G-TM3-T
TO-251
G
D
S
Tube
6N60L-TN3-R
6N60G-TN3-R
TO-252
G
D
S
Tape Reel
6N60L-TN3-T
6N60G-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - 6N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N60L-TM3-T UTC-6N60L-TM3-T Datasheet
264Kb / 7P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N60L-TM3-T

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
   6.2A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRFBC40 INTERSIL-IRFBC40 Datasheet
55Kb / 7P
   6.2A, 600V, 1.200 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
6N65Z UTC-6N65Z Datasheet
251Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
6N65 UTC-6N65 Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
   6.2A, 900V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
   6.2A 650V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
   Single N-Channel, 30V, 6.2A, Power MOSFET
logo
DIYI Electronic Technol...
7N60 DYELEC-7N60 Datasheet
2Mb / 9P
   600V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N60S TSC-TSM2N60S Datasheet
328Kb / 8P
   600V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com