Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N70L-TF3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 6N70L-TF3-T
Description  6.0A, 700V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N70L-TF3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  6N70L-TF3-T Datasheet HTML 1Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 2Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 3Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 4Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 5Page - Unisonic Technologies 6N70L-TF3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6N70
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-710.a
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage (Note 2)
VGSS
±30
V
Drain Current
Continuous
TC=25°C
ID
6
A
TC=100°C
3.8
A
Pulsed
IDM
24
A
Avalanche Current (Note 2)
IAR
6
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
582
mJ
Repetitive (Note 2)
EAR
13
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
2.5
V/ns
Power Dissipation
PD
130
W
Linear Derarting Factor
1.04
W/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes:
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L = 30mH, IAS = 6A, VDD = 50V, RG = 27Ω, Starting TJ = 25°C
4. ISD ≤ 6A, di/dt ≤140A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
0.96
°C/W


Similar Part No. - 6N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
198Kb / 6P
   N-CHANNEL POWER MOSFET
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
200Kb / 6P
   N-CHANNEL POWER MOSFET
6N70L-TF3-T UTC-6N70L-TF3-T Datasheet
352Kb / 8P
   N-CHANNEL POWER MOSFET
More results

Similar Description - 6N70L-TF3-T

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
   700V N-Channel Power MOSFET
TSM8N70 TSC-TSM8N70 Datasheet
476Kb / 8P
   700V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N70 DYELEC-6N70 Datasheet
2Mb / 8P
   700V N-Channel Power MOSFET
7N70L DYELEC-7N70L Datasheet
2Mb / 6P
   700V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM8N70 TSC-TSM8N70_12 Datasheet
3Mb / 8P
   700V N-Channel Power MOSFET
TSM2N70 TSC-TSM2N70 Datasheet
211Kb / 7P
   700V N-Channel Power MOSFET
logo
Nanjing International G...
NJ6N80 DGNJDZ-NJ6N80 Datasheet
646Kb / 5P
   6.0A 800V N-CHANNEL POWER MOSFET
logo
First Components Intern...
IRF730 FCI-IRF730 Datasheet
100Kb / 3P
   6.0A 400V N CHANNEL POWER MOSFET
IRF730FP FCI-IRF730FP Datasheet
451Kb / 3P
   6.0A 400V N CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com