Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6N80L-TA3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 6N80L-TA3-T
Description  6A, 800V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N80L-TA3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  6N80L-TA3-T Datasheet HTML 1Page - Unisonic Technologies 6N80L-TA3-T Datasheet HTML 2Page - Unisonic Technologies 6N80L-TA3-T Datasheet HTML 3Page - Unisonic Technologies 6N80L-TA3-T Datasheet HTML 4Page - Unisonic Technologies 6N80L-TA3-T Datasheet HTML 5Page - Unisonic Technologies 6N80L-TA3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
6N80
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-500.b
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
800
V
Gate-Source Voltage
VGSS
±30
V
Continuous
ID
6
A
Drain Current (Note 1)
Pulsed
IDM
22
A
Single Pulsed (Note 2)
EAS
680
mJ
Avalanche Energy
Repetitive (Note 1)
EAR
15.8
mJ
Peak Diode Recovery dv/dt (Note 3)
dv/dt
4.5
V/ns
TO-220
138
W
Power Dissipation
TO-220F/TO-220F1
PD
51
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1. Repetitive Rating: Pulse width limited by maximum junction temperature
2. L = 37mH, IAS = 6A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
3. ISD ≤ 5.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
TO-220
0.9
°C/W
Junction to Case
TO-220F/TO-220F1
θJC
2.45
°C/W


Similar Part No. - 6N80L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
6N80L-TA3-T UTC-6N80L-TA3-T Datasheet
181Kb / 6P
   6.0 Amps, 800 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 6N80L-TA3-T

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM80N950CI TSC-TSM80N950CI Datasheet
624Kb / 7P
   N-Channel Power MOSFET 800V, 6A, 0.95廓
logo
Rohm
R8006KNX ROHM-R8006KNX Datasheet
2Mb / 14P
   Nch 800V 6A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
   800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
   800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
   800V N-Channel Power MOSFET
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
   800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM4N80 TSC-TSM4N80 Datasheet
216Kb / 7P
   800V N-Channel Power MOSFET
TSM4N80_1310 TSC-TSM4N80_1310 Datasheet
446Kb / 10P
   800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
   800V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com