Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRL81 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # IRL81
Description  GaAlAs-Infrarot-Sendediode GaAlAs Infrared Emitter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

IRL81 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  IRL81 Datasheet HTML 1Page - Siemens Semiconductor Group IRL81 Datasheet HTML 2Page - Siemens Semiconductor Group IRL81 Datasheet HTML 3Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IRL 81 A
Semiconductor Group
3
Relative spectral emission
Irel = f (λ)
Max. forward current
IF = f (TA)
Forward current
IF = f (VF)
Directional characteristics Irel = f (ϕ)


Similar Part No. - IRL81

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL8113 IRF-IRL8113 Datasheet
304Kb / 12P
   HEXFET Power MOSFET
logo
Inchange Semiconductor ...
IRL8113 ISC-IRL8113 Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRL8113L IRF-IRL8113L Datasheet
304Kb / 12P
   HEXFET Power MOSFET
IRL8113LPBF IRF-IRL8113LPBF Datasheet
284Kb / 13P
   HEXFET Power MOSFET
IRL8113LPBF IRF-IRL8113LPBF Datasheet
285Kb / 13P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results

Similar Description - IRL81

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
IRL81A OSRAM-IRL81A Datasheet
182Kb / 7P
   GaAlAs-Infrarot-Sendediode
logo
Siemens Semiconductor G...
IRL80A SIEMENS-IRL80A Datasheet
122Kb / 3P
   GaAs-Infrarot-Sendediode GaAs Infrared Emitter
SFH480-1 SIEMENS-SFH480-1 Datasheet
81Kb / 2P
   GaAlAs INFRARED EMITTER
SFH484-1 SIEMENS-SFH484-1 Datasheet
84Kb / 2P
   GaAlAs INFRARED EMITTER
SFH485 SIEMENS-SFH485 Datasheet
123Kb / 1P
   GaAlAs INFRARED EMITTER
logo
OPTEK Technologies
OPE5794 OPTEK-OPE5794 Datasheet
117Kb / 2P
   GaAlAs Infrared Emitter
logo
List of Unclassifed Man...
OPE6794WK ETC1-OPE6794WK Datasheet
192Kb / 2P
   GaAlAs Infrared Emitter
logo
Siemens Semiconductor G...
SFH487P-1 SIEMENS-SFH487P-1 Datasheet
147Kb / 2P
   GaAlAs INFRARED EMITTER
logo
OSRAM GmbH
SFH-486 OSRAM-SFH-486 Datasheet
166Kb / 12P
   GaAlAs Infrared Emitter
logo
Siemens Semiconductor G...
SFH483 SIEMENS-SFH483 Datasheet
34Kb / 5P
   GaAlAs-IR-Lumineszenzdiode GaAlAs Infrared Emitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com