Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH41Z3-BG1 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AH41Z3-BG1
Description  BIPOLAR HALL-EFFECT POSITION SENSORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH41Z3-BG1 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AH41Z3-BG1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH41Z3-BG1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH41Z3-BG1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH41Z3-BG1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH41Z3-BG1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH41Z3-BG1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH41Z3-BG1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH41Z3-BG1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH41Z3-BG1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
BIPOLAR HALL-EFFECT POSITION SENSORS
AH41
Nov 2010
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5
High
Low
B
HYS
0
S
N
Turn off
Turn on
Magnetic Flux Density (Gauss)
B
RP
V
OUT
B
OP
V
SAT
Electrical Characteristics
VCC =12V, TA =25°C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
4
24
V
Supply Current
ICC
VCC=4V to 24V
6
9
mA
Output Leakage Current
IOL
VCE=14V
0.1
10
µA
Output Saturation Voltage
VSAT
IOUT =20mA
110
300
mV
Rise Time
tr
RL=820Ω
CL=20pF
200
ns
Fall Time
tf
RL=820Ω
CL=20pF
100
ns
Magnetic Characteristics (TA=25°C)
Parameter
Symbol
Grade
Min
Typ
Max
Unit
A
30
75
Operating Point
BOP
B
5
105
Gauss
A
-75
-30
Releasing Point
BRP
B
-105
-5
Gauss
Hysteresis
BHYS
80
110
140
Gauss


Similar Part No. - AH41Z3-BG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH41Z3-BG1 DIODES-AH41Z3-BG1 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
More results

Similar Description - AH41Z3-BG1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH41 DIODES-AH41 Datasheet
356Kb / 10P
   BIPOLAR HALL-EFFECT POSITION SENSORS
logo
Honeywell Solid State E...
SS30AT HONEYWELL-SS30AT Datasheet
919Kb / 6P
   Bipolar Hall-effect Magnetic Position Sensors
logo
SEC Electronics Inc.
SS41 SECELECTRONICS-SS41 Datasheet
195Kb / 6P
   Bipolar Hall-Effect Position Sensor
SS539 SECELECTRONICS-SS539 Datasheet
235Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
FOSLINK SEMICONDUCTOR C...
FSH41 FOSLINK-FSH41 Datasheet
145Kb / 5P
   BIPOLAR HALL EFFECT POSITION SENSOR
logo
SEC Electronics Inc.
SS539_1311 SECELECTRONICS-SS539_1311 Datasheet
218Kb / 5P
   Bipolar Hall-Effect Position Sensor
logo
Honeywell Solid State E...
RTY360LVNAX HONEYWELL-RTY360LVNAX Datasheet
1Mb / 10P
   Hall-effect Rotary Position Sensors
logo
List of Unclassifed Man...
OHN3075U ETC-OHN3075U Datasheet
299Kb / 2P
   HALLOGIC BIPOLAR HALL EFFECT SENSORS
logo
Honeywell Solid State E...
SS351AT HONEYWELL-SS351AT Datasheet
433Kb / 4P
   Omnipolar Hall-effect Digital Position Sensors
SS340RT HONEYWELL-SS340RT Datasheet
442Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com