Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM358G-P08-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # LM358G-P08-T
Description  DUAL OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM358G-P08-T Datasheet(HTML) 4 Page - Unisonic Technologies

  LM358G-P08-T Datasheet HTML 1Page - Unisonic Technologies LM358G-P08-T Datasheet HTML 2Page - Unisonic Technologies LM358G-P08-T Datasheet HTML 3Page - Unisonic Technologies LM358G-P08-T Datasheet HTML 4Page - Unisonic Technologies LM358G-P08-T Datasheet HTML 5Page - Unisonic Technologies LM358G-P08-T Datasheet HTML 6Page - Unisonic Technologies LM358G-P08-T Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LM358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R105-001,O
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
±16 or 32
V
Differential Input Voltage
VI(DIFF)
±32
V
Input Voltage
VI
-0.3 ~ +32
V
Output Short to Ground
Continuous
Power Dissipation
SIP-9
PD
750
mW
DIP-8
625
SOP-8
440
TSSOP-8
360
MSOP-8
300
Junction Temperature
TJ
+125
°C
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=5.0V, VEE=GND, TA=25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VI(OFF)
VCM=0V toVCC-1.5V
VO(P)=1.4V, RS=0Ω
2.0
5.0
mV
Input Common Mode Voltage
VI(CM)
VCC=30V
0
VCC-1.5
V
Differential Input Voltage
VI(DIFF)
VCC
V
Output Voltage Swing
VOH
VCC=30V, RL=2KΩ
26
V
VCC=30V, RL=10KΩ
27
28
V
VOL
VCC=5V, RL≧10KΩ
5
20
mV
Large Signal Voltage Gain
GV
VCC=15V, RL≧2KΩ
VO(P)=1V ~ 11V
25
100
V/mV
Power Supply Current
ICC
RL=∝, VCC=30V
0.8
2.0
mA
RL=∝, Full Temperature Range
0.5
1.2
mA
Input Offset Current
II(OFF)
5
50
nA
Input Bias Current
II(BIAS)
45
250
nA
Short Circuit Current to Ground
ISC
40
60
mA
Output Current
ISOURCE
VI(+)=1V, VI(-)=0V
VCC=15V, VO(P)=2V
10
30
mA
ISINK
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=2V
10
15
mA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=200mV
12
100
μA
Common Mode Rejection Ratio
CMRR
65
80
dB
Power Supply Rejection Ratio
PSRR
65
100
dB
Channel Separation
CS
f=1KHZ ~ 20KHZ
120
dB


Similar Part No. - LM358G-P08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM358G-P08-T UTC-LM358G-P08-T Datasheet
312Kb / 7P
   DUAL OPERATIONAL AMPLIFIER
More results

Similar Description - LM358G-P08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com