Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4880 Datasheet(PDF) 11 Page - Unisonic Technologies

Part # LM4880
Description  DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM4880 Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button LM4880 Datasheet HTML 4Page - Unisonic Technologies LM4880 Datasheet HTML 5Page - Unisonic Technologies LM4880 Datasheet HTML 6Page - Unisonic Technologies LM4880 Datasheet HTML 7Page - Unisonic Technologies LM4880 Datasheet HTML 8Page - Unisonic Technologies LM4880 Datasheet HTML 9Page - Unisonic Technologies LM4880 Datasheet HTML 10Page - Unisonic Technologies LM4880 Datasheet HTML 11Page - Unisonic Technologies LM4880 Datasheet HTML 12Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LM4880
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
11 of 12
www.unisonic.com.tw
QW-R502-033,C
TYPICAL CHARACTERISTICS(Cont.)
Frequency Response vs. Output Capacitor Size
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
Frequency Response vs. Output Capacitor Size
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
Frequency Response vs Input Capacitor Size
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
Typical Application Frequency Response
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
i
Typical Application Frequency Response
-20.00
-15.00
-10.00
-5.000
0.0
5.0000
20
100
10k
100k
1k
Frequency (Hz)
RI=20kΩ, RL=8Ω
GV=-1, CI=10µF
CO=220µF
CO=470µF
CO=1000µF
CO=2200µF
CO=47µF
CO=100µF
CO=220µF
CO=470µF
CI=0.1µF
CI=0.22µF
CI=0.47µF
CI=1.0µF
CI=0.1µF
CO=470µF
CI=1.0µF
CO=470µF
CO=220µF
CI=0.1µF
CO=220µF
CI=1.0µF
RI=20kΩ, RL=32Ω
GV=-1, CI=10µF
GV=-1
RI=20kΩ
RL=32Ω
GV=-1
RI=20kΩ
RL=8Ω
GV=-1
RI=20kΩ
COUT=10000µF
RL=8Ω


Similar Part No. - LM4880

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880 Datasheet
151Kb / 10P
   DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880 Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880-D08-T UTC-LM4880-D08-T Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
More results

Similar Description - LM4880

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4882 NSC-LM4882 Datasheet
445Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880 Datasheet
151Kb / 10P
   DUAL 250m W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4880 NSC-LM4880 Datasheet
375Kb / 12P
   Dual 250 mW Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com