Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH921NTR-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AH921NTR-G1
Description  HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH921NTR-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AH921NTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH921NTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary Datasheet
HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921
Jun. 2010 Rev. 1. 0
BCD Semiconductor Manufacturing Limited
1
General Description
The AH921 is a Hall-effect latch designed in mixed
signal CMOS technology. It is quite suitable for use
in automotive, industrial and consumer applications.
Superior high-temperature performance is made
possible through dynamic offset cancellation, which
reduces the residual offset voltage normally caused
by device over-molding, temperature dependencies,
and thermal stress. The device integrates a voltage
regulator,
Hall-voltage
generator,
small-signal
amplifier, chopper stabilization, schmitt trigger, and
is directly drivable by the output.
An on-board regulator permits operation with supply
voltage from 3.5V to 24V.
The AH921 is available in TO-92S-3 and SOT-23-3
packages, which are optimized for most applications.
Features
Wide Operating Voltage Range from 3.5 to 24V
Symmetrical Switch Points
Chopper-stabilized Amplifier Stage
Superior Temperature Stability
Compact Size
Built-in Pull-up Resistor
ESD Rating: 3500V (Human Body Model)
Applications
Brushless DC Motor Commutation
Brushless DC Fan
Solid-state Switch
Revolution Counting
Speed Detection
High Sensitivity and Unconnected Switch
Figure 1. Package Types of AH921
TO-92S-3
SOT-23-3


Similar Part No. - AH921NTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH921NTR-G1 DIODES-AH921NTR-G1 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
More results

Similar Description - AH921NTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH920Z3-G1 BCDSEMI-AH920Z3-G1 Datasheet
444Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH921 BCDSEMI-AH921_11 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH920 OHHALLSENSOR-OH920 Datasheet
192Kb / 4P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH921 DIODES-AH921 Datasheet
427Kb / 14P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
AH920 DIODES-AH920 Datasheet
325Kb / 13P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
BCD Semiconductor Manuf...
AH920 BCDSEMI-AH920 Datasheet
97Kb / 2P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Nanjing Ouzhuo Technolo...
OH921 OHHALLSENSOR-OH921 Datasheet
206Kb / 5P
   HIGH SENSITIVITY CMOS HALL-EFFECT LATCH
logo
Diodes Incorporated
AH3761 DIODES-AH3761_09 Datasheet
158Kb / 9P
   HIGH SENSITIVITY HALL EFFECT LATCH
AH3761 Rev. 1
logo
Taiwan Semiconductor Co...
TSH188 TSC-TSH188 Datasheet
420Kb / 8P
   Ultra High Sensitivity Hall Effect Latch
logo
SEC Electronics Inc.
SS2412 SECELECTRONICS-SS2412 Datasheet
314Kb / 9P
   CMOS High Sensitivity Micropower Hall Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com