Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9249NTR-G1 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AH9249NTR-G1
Description  High Sensitivity Micropower Omnipolar Hall-Effect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9249NTR-G1 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AH9249NTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH9249NTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AH9249NTR-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AH9249NTR-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AH9249NTR-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AH9249NTR-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AH9249NTR-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AH9249NTR-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AH9249NTR-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary Datasheet
High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH9249
May. 2010
Rev. 1. 3
BCD Semiconductor Manufacturing Limited
4
Absolute Maximum Ratings (TA=25°C, Note 1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
7
V
Supply Current (Fault)
ICC
6
mA
Output Voltage
VOUT
7
V
Output Current
IOUT
2
mA
Magnetic Flux Density
B
Unlimited
Gauss
TO-92S-3
400
SOT-23-3
230
Power Dissipation
PD
DFN-2×2-3
230
mW
Storage Temperature
TSTG
-55 to 150
Junction Temperature
TJ
150
°C
ESD (Human Body Model) (Note 2)
4000
ESD (Machine Model) (Note 2)
600
V
Note 1: Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to “Absolute
Maximum Ratings” for extended periods may affect device reliability.
Note 2: Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe
Electro Static Discharge control procedures whenever handling semiconductor products.
Recommended Operating Conditions
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VCC
2.5
5.5
V
Operating Temperature
TOP
-40
85
°C


Similar Part No. - AH9249NTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9249NTR-G1 BCDSEMI-AH9249NTR-G1 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9249NTR-G1 DIODES-AH9249NTR-G1 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
More results

Similar Description - AH9249NTR-G1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH9249 DIODES-AH9249 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1806 DIODES-AH1806_18 Datasheet
564Kb / 12P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH1812 DIODES-AH1812_15 Datasheet
482Kb / 8P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
BCD Semiconductor Manuf...
AH9248 BCDSEMI-AH9248 Datasheet
111Kb / 2P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Nanjing Ouzhuo Technolo...
OH9248 OHHALLSENSOR-OH9248 Datasheet
227Kb / 5P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
BCD Semiconductor Manuf...
AH9249 BCDSEMI-AH9249_11 Datasheet
333Kb / 14P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH1808 DIODES-AH1808 Datasheet
372Kb / 9P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
logo
Nanjing Ouzhuo Technolo...
OH9249 OHHALLSENSOR-OH9249 Datasheet
194Kb / 4P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
logo
Diodes Incorporated
AH9250 DIODES-AH9250 Datasheet
450Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
AH9247 DIODES-AH9247 Datasheet
723Kb / 16P
   High Sensitivity Micropower Omnipolar Hall-Effect Switch
AH1893 DIODES-AH1893 Datasheet
326Kb / 10P
   HIGH SENSITIVITY MICROPOWER OMNIPOLAR HALL-EFFECT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com