Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9281RTR-G1 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AH9281RTR-G1
Description  Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AH9281RTR-G1 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AH9281RTR-G1 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AH9281RTR-G1 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD AH9281/82
Mar. 2010
BCD Semiconductor Manufacturing Limited
1
Description
The AH9281/82 is a one-chip solution for driving
two-coil brushless DC motors and fans.
Based on the advanced CDMOS process, the IC
contains a Hall-effect sensor, dynamic offset
correction and powerful output drivers with
1200mA peak output current capability.
Specially designed for driving large fans, the
device is optimized for low start-up voltage.
Frequency Generator or Rotation Detection is
available. The open drain output makes easier the
connectivity with any external interface such as
hardware monitoring or Super I/O IC.
The AH9281/82 is available in TO-95 and
SOT-89-5 packages.
Features
High Sensitivity Integrated Hall Sensor
Low Start-up Voltage
5V, 12V and 24V Operation
Peak Output Current up to 1200mA
Power Efficient CMOS and Power MOSFETs
Built-in Output Protection Clamping Diode
Locked Rotor Shutdown and Auto-restart
Integrated Tachometer (AH9281) or Alarm
(AH9282) Signal Output
ESD Rating: 6000V (Human Body Model)
400V (Machine Model)
Applications
5V/12V/24V DC Brushless Motor/Fan
PC, Server, Laptop Cooling Fan
Power Supply Cooling Fan
Large or Small Fans
Parametric Table
Supply Voltage (V)
2.5 to 24
Output Saturation Voltage
(
VCC=12V, IOUT=350mA) (V)
0.6
FG/RD Output Low Voltage
(
VCC=12V, IFG=5mA) (V)
0.1
Supply Current (mA)
4
Output ON Time (S)
0.8
Output OFF Time (S)
5
Operating Point (Gauss)
20
Releasing Point (Gauss)
-20
Hysteresis (Gauss)
40
Benefits
Minimum External Components
Low Startup Voltage
Locked Protection and Auto-restart
With FG or RD Output
Wide Operation Voltage Range
Excellent Temperature Performance
High Sensitivity for Switching Symmetry
High ESD and Power Efficient
Additional Available Materials
Samples
Preliminary Datasheet
Reliability Report
ESD Report


Similar Part No. - AH9281RTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9281RTR-G1 BCDSEMI-AH9281RTR-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281RTR-G1 BCDSEMI-AH9281RTR-G1 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
More results

Similar Description - AH9281RTR-G1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH9281 BCDSEMI-AH9281_11 Datasheet
470Kb / 16P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
AH9281Z5-G1 BCDSEMI-AH9281Z5-G1 Datasheet
456Kb / 14P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver with FG/RD
logo
Diodes Incorporated
AH9280 DIODES-AH9280 Datasheet
412Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
BCD Semiconductor Manuf...
AH9280 BCDSEMI-AH9280 Datasheet
410Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280 BCDSEMI-AH9280_11 Datasheet
400Kb / 12P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
AH9280Z4-G1 BCDSEMI-AH9280Z4-G1 Datasheet
415Kb / 11P
   Two Phase Dual-coil High Voltage Smart Fan Motor Driver
logo
Diodes Incorporated
AH9281 DIODES-AH9281 Datasheet
145Kb / 12P
   TWO PHASE DUAL-COIL HIGH VOLTAGE SMART FAN MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com